Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS10 Datasheet(PDF) 9 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc PS10 Datasheet HTML 12Page - Supertex, Inc PS10 Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PS10/PS11
9
A051204
PWRGD Output Configuration, continued
RTB
9.76K
6.81K
487K
RTD
RTC
TB
OV
UV
V
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
PS11
-48V
GND
10nF
Ramp
COM
+3.3V
V-
V+
DC/DC
Converter
/EN
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
3. Other power good outputs will have the same
configuration as PWGRGD-A for Active Low Enabled
Converters.
V EE
IN
Opto-isolated Enable
Some applications require opto-isolator interface to the Enable pin of the DC/DC converter. Make sure that the current transfer
ratio of the opto-coupler selected is at least 100% to ensure proper pull-down current on the Enable pin.
RTB
9.76K
6.81K
487K
RTD
RTC
10nF
Opto-coupler
49.9k
PWRGD-A
IN
EN
V
GND
TC
EE
TD
OV
DC/DC
Converter
COM
PWRGD-B
PWRGD-C
UV
Ramp
-48V
PS10
PWRGD-D
V
V-
+3.3V
TB
V+
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
3. Other power good outputs will have the same
configuration as PWGRGD-A for Active High Enabled
Converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com