Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8555ACPZ-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8555ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AD8555
Data Sheet
FILTERING FUNCTION
The AD8555’s FILT/DIGOUT pin can be used to create a
simple low-pass filter. The AD8555’s internal 18 kΩ resistor can
be used with an external capacitor for this purpose. Typical
responses of the AD8555, configured for a gain of 70 and gain
of 1280, are shown in Figure 54 and Figure 55, respectively. This
filtering feature can be used to pass the signals within the filter’s
pass band while limiting the out-of-band signals bandwidth
and, therefore, reducing the noise of the overall solution.
1
2
3
4
5
6
7
8
AD8555
VDD
FILT/DIGOUT
DIGIN
VNEG
VSS
VOUT
VCLAMP
VPOS
VOUT
VDD
CFILTER
VDD
VSS
VIN
Figure 53. AD8555 Configured to Filter Noise
10
100
1k
10k
50k
40
20
0
CFILTER = 0.001µF
CFILTER = 0.010µF
CFILTER = 0.100µF
Figure 54. Typical Response of the AD8555 at FILT/DIGOUT Pin (Gain = 70)
100k
10
100
1k
10k
60
40
20
0
CFILTER = 0.001µF
CFILTER = 0.010µF
CFILTER = 0.100µF
Figure 55. Typical Response of the AD8555 at FILT/DIGOUT Pin (Gain = 1280)
DRIVING CAPACITIVE LOADS
The AD8555 can drive large capacitive loads. This feature is
useful when the amplifier, placed close to the sensor, has to
drive long cables. Most instrumentation amplifiers have
difficulty driving capacitance due to the degradation of the
phase margin caused by the additional phase lag from the
capacitive load. Higher capacitance at the output can increase
the amount of overshoot and ringing in the amplifier’s step
response and could even affect the stability of the device.
Additionally, the value of the capacitive load that an amplifier
can drive before oscillation varies with gain, supply voltage,
input signal, and temperature. Figure 57 and Figure 58 show the
overshoot response of AD8555 versus the capacitive load with a
different value isolation resistor (RS) in Figure 56. Similar to all
amplifiers, the AD8555 responds with overshoot when driving
large CL, but after a point (approximately 22 nF), the overshoot
decreases. This is because the pole created by CL dominates at
first; however, at some point, the pole is farther in than the pole
setting of the buffer amplifier and is ignored by AD8555.
1
2
3
4
5
6
7
8
AD8555
VDD
FILT/DIGOUT
DIGIN
VNEG
VSS
VOUT
VCLAMP
VPOS
VDD
CL
VDD
VOUT
VSS
RS
CFILTER
Figure 56. Test Circuit for Driving Capacitive Loads
LOAD CAPACITANCE (nF)
100
0.1
1
10
60
50
40
30
20
10
0
RS
CL = 1nF
OUTPUT
BUFFER
VS = ±2.5V
RS = 0
RS = 10
RS = 20
RS = 50
RS = 100
Figure 57. Positive Overshoot Graph vs. CL
Rev. B | Page 26 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com