Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8555ACPZ-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8555ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
AD8555
Data Sheet
The bridge circuit with a sensitivity of 2 mV/V is excited by a
5 V supply. The full-scale output voltage from the bridge
(±10 mV) therefore has a common-mode level of 2.5 V. The
AD8555 removes the common-mode component and amplifies
the input signal by a factor of 200 (G1 = 4, G2 = 50, Offset = 128).
This results in an output signal of ±2.0 V. In order to prevent
this signal from running into the AD8555’s ground rail, the
output offset voltage has to be raised to 2.5 V. This signal is
within the input voltage range of the ADC.
USING THE AD8555 WITH CAPACITIVE SENSORS
Figure 61 shows a crude way of using the AD8555 with
capacitive sensors. RP1 and RP2 are resistors implementing a
potential divider to bias VNEG to VDD/2. Recommended
values range from 1 kΩ to 1 MΩ. CS is the capacitive sensor, and
RS is a shunt resistor used to prevent leakage currents from
integrating on the sensor. The value of RS is application specific.
Note that although VNEG is tied to a dc voltage, the only
impedance across the capacitive sensor is RS. Therefore, the
only way for charge to leak away from CS is through RS,
assuming the input bias currents at VPOS and VNEG are
negligible.
RS
CS
RP2
RP1
AD8555
VOUT
VDD
VPOS
VNEG
Figure 61. Crude Way of Using the AD8555 with Capacitive Sensors
The weakness of the circuit in Figure 61 is that the AD8555
input bias current at VPOS flows into RS and creates a
differential offset voltage between VPOS and VNEG. This
differential offset voltage is amplified by the AD8555. The input
bias current at VNEG, on the other hand, flows into RP1 and
create a common-mode shift. This has little impact on VOUT.
Despite this weakness, the arrangement in Figure 61 should
work if the user wants to minimize the number of components
around the sensor, and if the error introduced by the input bias
current at VPOS is considered negligible.
If greater accuracy is needed, the circuit in Figure 62 is
recommended. RP1, RP2, and CS are the same as in Figure 61; RP1
and RP2 should be between 1 kΩ to 1 MΩ. RS in Figure 61 has been
split into two resistors, RS1 and RS2, in Figure 62. Again, the only
way for the capacitive sensor to discharge is through (RS1 + RS2).
The input bias current at VPOS flows through RS2 and RP1, and
the input bias current at VNEG flows through RS1 and RP1. If RS1
is made equal to RS2 and if the input bias currents are equal, the
input bias currents give a common-mode shift at VPOS and VNEG
with no differential offset. This common-mode shift is attenuated
by the AD8555 common-mode rejection. Furthermore, changes
in input bias current, e.g., with temperature, manifest as an
input common-mode change, also rejected by the AD8555.
CS
RS2
RP2
RS1
RP1
AD8555
VOUT
VDD
VPOS
VNEG
Figure 62. Recommended Way of Using the AD8555 with Capacitive Sensors
Rev. B | Page 28 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com