Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8555ACPZ-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8555ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD8555
Data Sheet
THEORY OF OPERATION
A1, A2, R1, R2, R3, P1, and P2 form the first gain stage of the
differential amplifier. A1 and A2 are auto-zeroed op amps that
minimize input offset errors. P1 and P2 are digital potentiometers,
guaranteed to be monotonic. Programming P1 and P2 allows
the first stage gain to be varied from 4.0 to 6.4 with 7-bit
resolution (see Table 7 and Equation 3), giving a fine gain
adjustment resolution of 0.37%. R1, R2, R3, P1, and P2 each
have a similar temperature coefficient, so the first stage gain
temperature coefficient is lower than 100 ppm/°C.
A3, R4, R5, R6, R7, P3, and P4 form the second gain stage of the
differential amplifier. A3 is also an auto-zeroed op amp that
minimize input offset errors. P3 and P4 are digital potentiometers,
allowing the second stage gain to be varied from 17.5 to 200 in
eight steps (see Table 8); they allow the gain to be varied over a
wide range. R4, R5, R6, R7, P3, and P4 each have a similar
temperature coefficient, so the second stage gain temperature
coefficient is lower than 100 ppm/°C.
RF together with an external capacitor connected between
FILT/DIGOUT and VSS or VDD form a low-pass filter. The
filtered signal is buffered by A4 to give a low impedance output
at VOUT. RF is nominally 16 kΩ, allowing a 1 kHz low-pass
filter to be implemented by connecting a 10 nF external
capacitor between FILT/DIGOUT and VSS or between
FILT/DIGOUT and VDD. If low-pass filtering is not needed,
then the FILT/DIGOUT pin must be left floating.
A5 implements a voltage buffer, which provides the positive
supply to the amplifier output buffer A4. Its function is to limit
VOUT to a maximum value, useful for driving analog-to-digital
converters (ADC) operating on supply voltages lower than
VDD. The input to A5, VCLAMP, has a very high input
resistance. It should be connected to a known voltage and not
left floating. However, the high input impedance allows the
clamp voltage to be set using a high impedance source, e.g., a
potential divider. If the maximum value of VOUT does not
need to be limited, VCLAMP should be connected to VDD.
A4 implements a rail-to-rail input and output unity-gain
voltage buffer. The output stage of A4 is supplied from a
buffered version of VCLAMP instead of VDD, allowing the
positive swing to be limited. The maximum output current is
limited between 5 mA to 10 mA.
An 8-bit digital-to-analog converter (DAC) is used to generate a
variable offset for the amplifier output. This DAC is guaranteed
to be monotonic. To preserve the ratiometric nature of the input
signal, the DAC references are driven from VSS and VDD, and
the DAC output can swing from VSS (Code 0) to VDD (Code 255).
The 8-bit resolution is equivalent to 0.39% of the difference
between VDD and VSS, e.g., 19.5 mV with a 5 V supply. The
DAC output voltage (VDAC) is given approximately by
(
) VSS
VSS
VDD
Code
VDAC
+
−
+
≈
256
5
.
0
(1)
The temperature coefficient of VDAC is lower than 200 ppm/°C.
The amplifier output voltage (VOUT) is given by
(
) VDAC
VNEG
VPOS
GAIN
VOUT
+
−
=
(2)
where GAIN is the product of the first and second stage gains.
A3
A2
A4
A5
VDD
VDD
DAC
VSS
VSS
VDD
VSS
VDD
VDD
VSS
VCLAMP
VPOS
VSS
FILT/
DIGOUT
VOUT
A1
VDD
VSS
VNEG
R1
R3
R2
R5
R7
P4
R4
R6
RF
P3
P2
P1
Figure 49. AD8555 Functional Schematic
Rev. B | Page 18 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com