Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8555ACPZ-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8555ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
AD8555
LOAD CAPACITANCE (nF)
100.0
0.1
1.0
10.0
60
50
40
30
20
10
0
RS
CL
VS = ±2.5V
RS = 0
RS = 10
RS = 20
RS = 50
RS = 100
Figure 58. Negative Overshoot Graph vs. CL
RF INTERFERENCE
All instrumentation amplifiers show dc offset as the result of
rectification of high frequency out-of-band signals that appear
at their inputs. The circuit in Figure 59 provides good RFI
suppression without reducing performance within the AD8555
pass band. Resistor R1 and Capacitor C1, and likewise Resistor
R2 and Capacitor C2, form a low-pass RC filter that has a −3 dB
bandwidth equal to f(−3dB) = 1/2 π × R1 × C1. It can be seen that
R1, R2 and C1, C2 form a bridge circuit whose output appears
across the amplifier’s input pins. Any mismatch between C1, C2
unbalances the bridge and reduce the common-mode rejection.
Using the component values shown, this filter has a bandwidth
of approximately 40 kHz. To preserve common-mode rejection
in the AD8555’s pass band, capacitors need to be 5% (silver
mica) or better and should be placed as close to its inputs as
possible. Resistors should be 1% metal film. Capacitor C3 is
needed to maintain common-mode rejection at low frequencies.
This introduces a second low-pass network, R1 + R2 and C3
that has a −3 dB frequency equal to 1/(2 π × (R1 + R2)(C3)).
This circuit’s −3 dB signal bandwidth is approximately 4 kHz
when a C3 value of 0.047 µF is used (see Figure 59).
1
2
3
4
5
6
7
8
AD8555
VDD
FILT/DIGOUT
DIGIN
VNEG
VSS
VOUT
VCLAMP
VPOS
VPOS
VDD
VDD
VSS
VNEG
R2
4.02k
Ω
R1
4.02k
Ω
C3
0.047
µF
C2
1nF
C1
1nF
Figure 59. RFI Suppression Method
SINGLE-SUPPLY DATA ACQUISITION SYSTEM
Interfacing bipolar signals to single-supply analog-to-digital
converters (ADCs) presents a challenge. The bipolar signal
must be mapped into the input range of the ADC. Figure 60
shows how this translation can be achieved. The output offset
can be programmed to a desirable level to accommodate the
input voltage requirement of the ADC.
1
2
3
4
5
6
7
8
AD8555
VDD
FILT/DIGOUT
DIGIN
VNEG
2
4
AD7476
12 BIT
AIN
VDD
VSS
VOUT
VCLAMP
VPOS
VDD
VDD
SDIGIN
10nF
0
100
Ω
100
Ω
100
Ω
100
Ω
Figure 60. A Single-Supply Data Acquisition Circuit Using the AD8555
Rev. B | Page 27 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com