Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8555ACPZ-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8555ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8555ACPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD8555
Data Sheet
After the second stage gain, first stage gain, and output offset
have been programmed, DAT_SUM should be computed and
the parity bit should be set equal to DAT_SUM. If DAT_SUM is
0, the parity fuse should not be blown in order for the PFUSE
signal to be 0. If DAT_SUM is 1, the parity fuse should be
blown to set the PFUSE signal to 1. The code to blow the parity
fuse is 1000 0000 0001 10 11 10 0000 0100 0111 1111 1110.
After setting the parity bit, the master fuse can be blown to
prevent further programming, using the code 1000 0000 0001
10 11 10 0000 0001 0111 1111 1110.
Signal PAR_SUM is the output of the 2-input exclusive-OR
gate (Cell EOR2). After the master fuse has been blown,
PARITY_ERROR is set to PAR_SUM. As mentioned earlier,
the AD8555 behaves as a programmed amplifier when
PARITY_ERROR = 0 (no parity error). On the other hand,
VOUT is connected to VSS when a parity error has been
detected, i.e., when PARITY_ERROR = 1.
Read Mode
The values stored by the polysilicon fuses can be sent to the
FILT/DIGOUT pin to verify correct programming. Normally,
the FILT/DIGOUT pin is connected to only the second gain
stage output via RF. During read mode, however, the
FILT/DIGOUT pin is also connected to the output of a shift
register to allow the polysilicon fuse contents to be read. Since
VOUT is a buffered version of FILT/DIGOUT, VOUT also
outputs a digital signal during read mode.
Read mode is entered by setting Field 1 to 11 and selecting the
desired parameter in Field 2; Field 4 is ignored. The parameter
value, stored in the polysilicon fuses, is loaded into an internal
shift register, and the MSB of the shift register is connected to
the FILT/DIGOUT pin. Pulses at DIGIN shift the shift register
contents out to the FILT/DIGOUT pin, allowing the 8‒bit
parameter value to be read after seven additional pulses;
shifting occurs on the falling edge of DIGIN. An eighth pulse at
DIGIN disconnects FILT/DIGOUT from the shift register and
terminates the read mode. If a parameter value is less than 8 bits
long, the MSBs of the shift register are padded with 0s.
For example, to read the second stage gain, the code 1000 0000
0001 11 00 10 0000 0000 0111 1111 1110 can be used. Since the
second stage gain parameter value is only three bits long, the
FILT/DIGOUT pin has a value of 0 when this code is entered
and remains 0 during four additional pulses at DIGIN. The
fifth, sixth, and seventh pulse at DIGIN returns the 3-bit value
at FILT/DIGOUT, the seventh pulse returning the LSB. An
eighth pulse at DIGIN terminates the read mode.
Sense Current
A sense current is sent across each polysilicon fuse to determine
whether it has been blown or not. When the voltage across the
fuse is less than approximately 1.5 V, the fuse is considered not
blown and Logic 0 is output from the OTP cell. When the
voltage across the fuse is greater than approximately 1.5 V, the
fuse is considered blown and Logic 1 is output.
When the AD8555 is manufactured, all fuses have a low
resistance. When a sense current is sent through the fuse, a
voltage less than 0.1 V is developed across the fuse. This is much
lower than 1.5 V, so Logic 0 is output from the OTP cell. When
a fuse is electrically blown, it should have a very high resistance.
When the sense current is applied to the blown fuse, the voltage
across the fuse should be larger than 1.5 V, so Logic 1 is output
from the OTP cell.
It is theoretically possible (though very unlikely) for a fuse
to be incompletely blown during programming, assuming the
required conditions are met. In this situation, the fuse could
have a medium resistance (neither low nor high), and a voltage
of approximately 1.5 V could be developed across the fuse. Thus,
the OTP cell could sometimes output Logic 0 or a Logic 1,
depending on temperature, supply voltage, and other variables.
To detect this undesirable situation, the sense current can be
lowered by a factor of 4 using a special code. The voltage developed
across the fuse would then change from 1.5 V to 0.38 V, and the
output of the OTP would be a Logic 0 instead of the Logic 1
expected from a blown fuse. Correctly blown fuses would still
output a Logic 1. In this way, incorrectly blown fuses can be
detected. Another special code would return the sense current
to the normal (larger) value. The sense current cannot be
permanently programmed to the low value. When the AD8555
is powered up, the sense current defaults to the high value.
The code to use the low sense current is 1000 0000 0001 00 00
10 XXXX XXX1 0111 1111 1110.
The code to use the normal (high) sense current is 1000 0000
0001 00 00 10 XXXX XXX0 0111 1111 1110.
Rev. B | Page 24 of 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com