Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R701 Datasheet(PDF) 3 Page - CML Microcircuits

Part # CMX90A702QH-R701
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R701 Datasheet(HTML) 3 Page - CML Microcircuits

  CMX90A702QH-R701 Datasheet HTML 1Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 2Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 3Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 4Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 5Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 6Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 7Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 8Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 3
D/90A702/1 June 2022
Electrical Specification
Results taken on the EV90A702 EVB, board losses have been de-embedded using a TRL calibration board.
Zo = 50 Ω, Vd = +4 V, Idq12 = 73 mA, Idq3 = 109 mA, Ta = +25 °C (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Frequency
26.5
29.5
GHz
Small Signal Gain
26.5 GHz
28.0 GHz
29.5 GHz
20.9
22.5
20.5
dB
Reverse Isolation
26.5 GHz to 29.5 GHz
50
dB
P1dB
26.5 GHz
28.0 GHz
29.5 GHz
26.7
25.6
24.3
dBm
P3dB
28.0 GHz
26.3
dBm
PAE at P1dB
28 GHz
28
%
OIP3
Two-tone test
Δf = 100 MHz, Pout/Tone = 15dBm
32.5
dBm
Input Return Loss
26.5 GHz to 29.5 GHz
10
dB
Output Return Loss
26.5 GHz to 29.5 GHz
7
dB
Device Current (Idq12)
PA_OFF = 0 V, No RF Input
73
mA
Device Current (Idq3)
PA_OFF = 0 V, No RF Input
109
mA
Standby Current
PA_OFF = +2.5 V, No RF Input
1.2
mA
Drain Current (Id)
PA_OFF = 0V, at P1dB
360
mA
PA_OFF (Logic 0 =
Enabled)
Amplifier normal operation
0
0.5
V
PA_OFF (Logic 1 =
Standby)
Amplifier in standby mode
2
2.5
3.3
V
Power detector Vref
2
V
Power detector Vdet
No RF Input
2
V
Power detector Output
Voltage (Vref - Vdet)
No RF Input
10
mV
Power detector Output
Voltage (Vref - Vdet)
At P1dB
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com