Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R701 Datasheet(PDF) 10 Page - CML Microcircuits

Part # CMX90A702QH-R701
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R701 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button CMX90A702QH-R701 Datasheet HTML 6Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 7Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 8Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 9Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 10Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 11Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 12Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 13Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 10
D/90A702/1 June 2022
Test conditions unless otherwise noted:
Vd12 = Vd3 = 4.0 V, Idq12 = 73 mA, Idq3 = 109 mA, Ta = 25 ˚C, Zo = 50 Ω
Figure 35: S21 v Temperature
Figure 37: S22 v Temperature
Figure 36: S11 v Temperature
Figure 38: S12 v Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com