Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R701 Datasheet(PDF) 4 Page - CML Microcircuits

Part # CMX90A702QH-R701
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R701 Datasheet(HTML) 4 Page - CML Microcircuits

  CMX90A702QH-R701 Datasheet HTML 1Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 2Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 3Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 4Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 5Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 6Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 7Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 8Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 4
D/90A702/1 June 2022
Pin Assignments
Top View
Pin
Name
Description
1
NC
Connect to GND
2
GND
Connect to GND
3
RFin
RF input. Internally matched to 50 Ω. (DC path to ground)
4
GND
Connect to GND
5
PA_OFF
Amplifier enable/disabled input
6
Vg12
Stage 1 and 2 gate voltage
7
Vg3
Stage 3 gate voltage
8
Vd12
Stage 1 and 2 drain voltage (or use pin 19)
9
GND
Connect to GND
10
Vd3
Stage 3 drain voltage (or use pin 17)
11
NC
Connect to GND
12
GND
Connect to GND
13
RFout
RF output. Internally matched to 50 Ω with integrated DC-blocking
capacitor
14
GND
Connect to GND
15
Vdet
Power detector output
16
Vref
Power detector reference voltage
17
Vd3
Stage 3 drain voltage (or use pin 10)
18
GND
Connect to GND
19
Vd12
Stage 1 and 2 drain voltage (or use pin 8)
20
NC
Connect to GND
Die pad
GND
DC and RF ground. Exposed die pad must be connected to GND.
Notes
CML recommends that all no connect (NC) pins are connected to ground.
The bottom exposed die pad must be connected to the ground plane on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com