Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R701 Datasheet(PDF) 13 Page - CML Microcircuits

Part # CMX90A702QH-R701
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R701 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button CMX90A702QH-R701 Datasheet HTML 9Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 10Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 11Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 12Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 13Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 14Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 15Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 16Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 13
D/90A702/1 June 2022
Application Information
Schematic Diagram
Figure 46: EV90A702 Schematic
Bill Of Materials (BOM)
Reference Designator
Value
Size
Description
C1, C5
100 pF
0402
100V, COG, +/-10 %
C7, C8, C13, C17
1 nF
0402
100V, X7R, +/-10 %
C3, C6, C14, C15
10 uF
TajA
10V, Tant
C2, C4, C11, C12, C16, C18
DNF
0402
100V, X7R, +/-10 %
C10
DNF
TajA
10V, Tant
R1, R4, R5
DNF
R2, R3
7k5
0402
0.063 W, +/-1%
J1, J2
FL38J7-LS502SQA06
2.92mm
Frontlynk, 2.92 mm Connector
J3, J4
TFM-105-02-L-DH
Samtec 10-way Connector
IC1
CMX90A702QH
Notes
DNF = Do not fit component
The DC headers on the EV90A702 are Samtec Tiger-Eye TFM-105-02-L-DH and should be used with Samtec
SFSD-051 sockets.
1 Pre-made cables in different lengths can be purchased with SAMTEC connector to free end configuration – for example part#
SFSD-05-28-H-10.00-SR is 10” length (see Digikey site SFSD-05-28-H-10.00-SR Samtec Inc. | Cable Assemblies | DigiKey)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com