Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R701 Datasheet(PDF) 2 Page - CML Microcircuits

Part # CMX90A702QH-R701
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R701 Datasheet(HTML) 2 Page - CML Microcircuits

  CMX90A702QH-R701 Datasheet HTML 1Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 2Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 3Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 4Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 5Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 6Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 7Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 8Page - CML Microcircuits CMX90A702QH-R701 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
www.cmlmicro.com
Page 2
D/90A702/1 June 2022
Absolute Maximum Ratings
Parameter
Rating
RF Input Power
+10dBm
Device Voltage (Vd, Ven)
+4.5V
Case Temperature (Tc)
-40 to +85 °C
Junction Temperature (Tjmax)
150 °C (MTTF > 10^7 hours)
Storage Temperature
-40 to +125 °C
ESD Sensitivity
TBD
MSL Level
Level 3
Exceeding the maximum ratings may result in damage or reduced device reliability.
Thermal Characteristics
Parameter
Rating
Thermal Resistance (Rjc)
31 °C/W (Tc = 85˚C)
Thermal resistance is junction-to-case, where case refers to the exposed die pad on the backside which is in contact
with the board.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Frequency Range
26.5
29.5
GHz
Case Temperature (Tc)
-40
+85
°C
Device Voltage (Vd)
3
4
4.2
V
Gate Voltage (Vg12): Idq12 = 73 mA
0
0.415
0.55
V
Gate Voltage (Vg3): Idq3 = 109 mA
0
0.415
0.55
V
Power down Voltage (PA_OFF)
0
2.5
3.3
V
The device will be tested under certain conditions, but performance is not guaranteed over the full range of
recommended operating conditions.
ESD Caution
CMX90A702 incorporates ESD protection circuitry however ESD precautions are strongly recommended
for handling and assembly. Ensure that devices are protected from ESD in antistatic bags or carriers when
being transported. Personal grounding is to be worn at all times when handling these devices.
RoHS Compliance
All devices supplied by CML Microcircuits are compliant with RoHS directive (2011/65/EU), containing less
than the permitted levels of hazardous substances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com