Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLONE65W Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVLONE65W
Description  Very high power density board - 65W USB Type-C™ Power Delivery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLONE65W Datasheet(HTML) 5 Page - STMicroelectronics

  EVLONE65W Datasheet HTML 1Page - STMicroelectronics EVLONE65W Datasheet HTML 2Page - STMicroelectronics EVLONE65W Datasheet HTML 3Page - STMicroelectronics EVLONE65W Datasheet HTML 4Page - STMicroelectronics EVLONE65W Datasheet HTML 5Page - STMicroelectronics EVLONE65W Datasheet HTML 6Page - STMicroelectronics EVLONE65W Datasheet HTML 7Page - STMicroelectronics EVLONE65W Datasheet HTML 8Page - STMicroelectronics EVLONE65W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Reference
Part Number
Value
Description
Package
Manufacturer
Q5
ZVN3320FTA
SMD N-ch MOSFET
SOT23
Diodes Incorporated
Q6
STL160NS3LLH7
SMD N-ch power
MOSFET
PowerFLAT
STMicroelectronics
R1
4.7kΩ
SMD resistor
0603
R2
RC0805FR-072M2L
2.2MΩ
SMD resistor
0805
Yageo
R3
RC0603FR-0720RL
20Ω
SMD resistor
0603
Yageo
R4, R9
RC0402FR-07220RL
220Ω
SMD resistor
0402
Yageo
R5, R6, R7,
R8
UCR03EVPFLR620
0.62Ω
SMD current sense
resistor
0603
ROHM
R10
RC0603FR-071KL
1kΩ
SMD resistor
0603
Yageo
R11
CRCW04024K70FKEDC
12.1kΩ
SMD resistor
0402
Vishay
R12
RC0402FR-071K5L
1.5kΩ
SMD resistor
0402
Yageo
R13
RC0402FR-0718KL
18kΩ
SMD resistor
0402
Yageo
R14
RC0402FR-07270KL
270kΩ
SMD resistor
0402
Yageo
R15
RC0402FR-07470KL
470kΩ
SMD resistor
0402
Yageo
R16
ERJ-2RKF1912X
19.1kΩ
SMD resistor
0402
Panasonic
R17, R18,
R37
RC0402FR-0747KL
47kΩ
SMD resistor
0402
Yageo
R19, R26
CRCW040210R0JNED
10Ω
SMD resistor
0402
Vishay
R20
RC0402FR-07120KL
120kΩ
SMD resistor
0402
Yageo
R21
RC0402FR-07430KL
430kΩ
SMD resistor
0402
Yageo
R22
RC0402FR-0722RL
22Ω
SMD resistor
0402
Yageo
R23, R28,
R30
RC0402FR-07100KL
100kΩ
SMD resistor
0402
Yageo
R24, R35
MCR01MZPJ000
0Ω
SMD resistor
0402
ROHM
R25
N.M.
SMD resistor
0402
R27
RC0402JR-071KL
1kΩ
SMD resistor
0402
Yageo
R29
RC0402FR-07287RL
287Ω
SMD resistor
0402
Yageo
R31
RC0402FR-071RL
1Ω
SMD resistor
0402
Yageo
R32
WSLP08055L000FEA18
5mΩ
SMD very high power,
low value resistor
0805
Vishay
R33
RC0402FR-07100RL
100Ω
SMD resistor
0402
Yageo
R34
CRG0603F100K
100kΩ
SMD resistor
0603
TE Connectivity
R36
47Ω
SMD resistor
0402
RT1
NCP15WM474J03RC
470kΩ
SMD thermistor NTC
0402
Murata
T1
750318810_R5
RM8 extended rail
transformer
Würth
U1
ST-ONE
Fully integrated
controller for smart
chargers
SSOP36
STMicroelectronics
U2
LDO40LPURY
Low drop out regulator
6-DFN
STMicroelectronics
EVLONE65W
Schematic diagram and bill of material
DB4736 - Rev 1
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com