Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLONE65W Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVLONE65W
Description  Very high power density board - 65W USB Type-C™ Power Delivery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLONE65W Datasheet(HTML) 3 Page - STMicroelectronics

  EVLONE65W Datasheet HTML 1Page - STMicroelectronics EVLONE65W Datasheet HTML 2Page - STMicroelectronics EVLONE65W Datasheet HTML 3Page - STMicroelectronics EVLONE65W Datasheet HTML 4Page - STMicroelectronics EVLONE65W Datasheet HTML 5Page - STMicroelectronics EVLONE65W Datasheet HTML 6Page - STMicroelectronics EVLONE65W Datasheet HTML 7Page - STMicroelectronics EVLONE65W Datasheet HTML 8Page - STMicroelectronics EVLONE65W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Reference
Part Number
Value
Description
Package
Manufacturer
BR1
Z4GP208L-HF
RECT BRIDGE GP
800V 2A Z4
Z4
Comchip
C1
B32921C3104M
100nF
Radial polypropylene
film cap.
Plastic
radial
TDK
C2, C3, C4
CGA8N4X7T2W474K230K
A
470nF
SMD multilayer
ceramic cap.
1812
TDK
C5, C6, C7,
C8
860021374027
22μF
Aluminum electrolytic
capacitor
D8, h16,
pitch 3.5
mm
Würth
C9
C2012C0G2E103J125AA
10nF
SMD multilayer
ceramic cap.
0805
TDK
C10, C39
885012205052
22nF
SMD multilayer
ceramic cap.
0402
Würth
C11, C12,
C21, C22,
C23, C32,
C38, C42
885012205085
100nF
SMD multilayer
ceramic cap.
0402
Würth
C13
DNM
N.M.
Not mounted
C14
885012209071
2.2μF
SMD multilayer
ceramic cap.
1210
Würth
C15
ECA2AAM330X
33μF
Aluminum electrolytic
capacitor
D8, h11.5,
pitch 3.5
mm
Panasonic
C16
885012206120
100nF
SMD multilayer
ceramic cap.
0603
Würth
C17
CL21A226MAQNNNE
22μF
SMD multilayer
ceramic cap.
0805
Samsung
C18, C31,
C33
C2012X7R1H475K
4.7μF
SMD multilayer
ceramic cap.
0805
TDK
C19
885012107018
4.7μF
SMD multilayer
ceramic cap.
0805
Würth
C20
C1608X7R1H473K080AA
47nF
SMD multilayer
ceramic cap.
0603
TDK
C24, C25
885012205055
100pF
SMD multilayer
ceramic cap.
0402
Würth
C26
885012005063
220pF
SMD multilayer
ceramic cap.
0402
Würth
C27
UMK107AB7105KA-T
1μF
SMD multilayer
ceramic cap.
0603
Taiyo Yuden
C28
25SEK270M
270μF
Aluminum polymer
capacitor
Radial
Panasonic
C29
EEH-ZS1V681UP
680μF
Aluminum polymer
capacitor
10 mm SMD Panasonic
C30
C3216X5R1V226M160AC
22μF
SMD multilayer
ceramic cap.
1206
TDK
C34
885012205050
10nF
SMD multilayer
ceramic cap.
0402
Würth
C35
C1005X5R1V105K050BC
1μF
SMD multilayer
ceramic cap.
0402
TDK
C36
885012105012
1μF
SMD multilayer
ceramic cap.
0402
Würth
EVLONE65W
Schematic diagram and bill of material
DB4736 - Rev 1
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com