Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLONE65W Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLONE65W
Description  Very high power density board - 65W USB Type-C™ Power Delivery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLONE65W Datasheet(HTML) 1 Page - STMicroelectronics

  EVLONE65W Datasheet HTML 1Page - STMicroelectronics EVLONE65W Datasheet HTML 2Page - STMicroelectronics EVLONE65W Datasheet HTML 3Page - STMicroelectronics EVLONE65W Datasheet HTML 4Page - STMicroelectronics EVLONE65W Datasheet HTML 5Page - STMicroelectronics EVLONE65W Datasheet HTML 6Page - STMicroelectronics EVLONE65W Datasheet HTML 7Page - STMicroelectronics EVLONE65W Datasheet HTML 8Page - STMicroelectronics EVLONE65W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
Universal input mains range: 90 Vac to 265 Vac - Frequency 47 ÷ 63 Hz
•
Maximum output power: 65 W
•
Dimensions: 58x32x20 mm, (L x W x H)
•
Power density: 30 W/in3
•
Efficiency: > 93 % @ full load
•
Constant current output: 3.75 A max
•
Output voltage range: 3.3 ÷ 21 Vdc
•
PD output:
–
Five fixed PDOs: 5 V@3.75 A, 9 V@3.75 A, 12 V@3.75 A, 15 V@3.75 A,
20 V@3.25 A
–
Two APDOs (PPS): 3.3 V÷16 V@3.75 A, 3.3 V÷21 V@3.25 A
•
PPS mode: 20 mV step for CV, 50 mA step for CC
•
Certified USB power delivery 3.1.1.2 power brick
•
Feedback loops: constant current and constant voltage
•
Protections: brown out, over current protection, over temperature protection,
over voltage protection, under voltage protection
Description
The EVLONE65W is a high power density USB-PD board supporting Programmable
Power Supply (PPS). The design supports wide range input voltage and can deliver
five fixed PDOs and two APDOs.
This board is based on ST-ONE, the world’s first digital controller embedding an
Arm® Cortex® M0+ core, an offline programmable controller with synchronous
rectification, and USB-PD PHY in a single package.
Such a system is specifically designed to control ZVS non-complementary active
clamp flyback converters to create high power density chargers and adapters with
USB-PD interface. The device includes an active clamp flyback controller and its
HV startup on the primary side, a microcontroller and all the peripherals required
to control the conversion and the USB-PD communication on the secondary side.
The two sides are connected through an embedded galvanically isolated dual
communication channel.
High switching operation in companion with a MasterGaN power stage allows use of
small size magnetic components while reaching a very high efficiency.
Product status link
EVLONE65W
Very high power density board - 65W USB Type-C™ Power Delivery
EVLONE65W
Data brief
DB4736 - Rev 1 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVLONE65W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLONE65W STMICROELECTRONICS-EVLONE65W Datasheet
437Kb / 10P
65W USB-PD certified reference design based on ST-ONE
06-Mar-2023
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
65W USB-PD certified reference design based on ST-ONE
06-Mar-2023
More results

Similar Description - EVLONE65W

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A12MWV-EVK-001 ROHM-BM92A12MWV-EVK-001 Datasheet
10Mb / 9P
ROHM USB Type-C Power Delivery
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com