Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLONE65W Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVLONE65W
Description  Very high power density board - 65W USB Type-C™ Power Delivery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLONE65W Datasheet(HTML) 4 Page - STMicroelectronics

  EVLONE65W Datasheet HTML 1Page - STMicroelectronics EVLONE65W Datasheet HTML 2Page - STMicroelectronics EVLONE65W Datasheet HTML 3Page - STMicroelectronics EVLONE65W Datasheet HTML 4Page - STMicroelectronics EVLONE65W Datasheet HTML 5Page - STMicroelectronics EVLONE65W Datasheet HTML 6Page - STMicroelectronics EVLONE65W Datasheet HTML 7Page - STMicroelectronics EVLONE65W Datasheet HTML 8Page - STMicroelectronics EVLONE65W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Reference
Part Number
Value
Description
Package
Manufacturer
C37
885012105008
4.7μF
SMD multilayer
ceramic cap.
0402
Würth
C40, C41
N.M.
SMD multilayer
ceramic cap.
0402
C43
VY1472M51Y5VQ63V0
4.7nF
CAP CER 4700PF 500
VAC Y5 V RADIAL
Vishay
D1, D2, D3
S1ML R3G
SMD diode
DO-219AB
Taiwan
Semiconductor
D4
BAS521LP-7
High-voltage switching
diode
SOD-882
Nexperia
D5
BAS21LLYL
High-voltage switching
diode
SOD-882
Nexperia
D6
BAS16LD
SMD fast switching
rectifier
SOD-882
NXP
D7
CDZVT2R10B
SMD Zener diode
SOD-923
ROHM
D8
ES1JFL
SMD diode
SOD-123F
On Semiconductor
D9
CDZVT2R6.2B
SMD Zener diode
SOD-923
ROHM
D10
BAT54SWFILM
SMD Schottky
rectifiers array
SOT-323
STMicroelectronics
D11
ESDA25P35-1U1M
TVS diode
QFN-1610
STMicroelectronics
D12
ESDA25L
SMD TVS diode
SOT23
STMicroelectronics
F1
39213150000
FUSE 3.15 A
Radial lead time lag
fuse
8.5X4
LittelFuse
HON, LON,
SRGD,
GP0, GP1
N.M.
Test point pad
J1
Input pads
Plated holes for cable.
J2
2012670005
USB-C Receptacle
Molex
J3
90325-0006
Conn flat male 6 pins,
straight, pitch 1.27 mm
Molex
J4
282837-2
Screws connector
Screw connector,
single row, 5.08 pitch,
13.5 A
5.08 mm
TE Connectivity
J5
M20-9993645
Male strip 4 pins pitch
2.54 180°
Harwin Inc.
JP1
SMD Jumper /
CLOSED
Jumper_SMD -
CLOSE with solder
drop
2 p medium
L1
CM13090CT-242
Common mode choke
Bourns
L2
744779100
10μH
Radial leaded wire
wound inductor
Radial
Würth Elektronik
LN1, LN2,
LN3
LINK
PCB link: ignore
MG1
MASTERGAN4
GaN half-bridge w.
driver
31VFQFPN
9 x 9 x 1.0
STMicroelectronics
Q1, Q2
BSS169H6327XTSA1
SMD N-ch MOSFET
SOT23
Infineon
Q3
BC847BM
NPN Transistor
general purpose
SOT883
Nexperia
Q4
BSC146N10LS5ATMA1
SMD N-ch power
MOSFET
PowerFLAT
Infineon
EVLONE65W
Schematic diagram and bill of material
DB4736 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com