Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLONE65W Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVLONE65W
Description  Very high power density board - 65W USB Type-C™ Power Delivery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLONE65W Datasheet(HTML) 2 Page - STMicroelectronics

  EVLONE65W Datasheet HTML 1Page - STMicroelectronics EVLONE65W Datasheet HTML 2Page - STMicroelectronics EVLONE65W Datasheet HTML 3Page - STMicroelectronics EVLONE65W Datasheet HTML 4Page - STMicroelectronics EVLONE65W Datasheet HTML 5Page - STMicroelectronics EVLONE65W Datasheet HTML 6Page - STMicroelectronics EVLONE65W Datasheet HTML 7Page - STMicroelectronics EVLONE65W Datasheet HTML 8Page - STMicroelectronics EVLONE65W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Schematic diagram and bill of material
Figure 1. Schematic diagram
S ENS E
4
S ENS E
5
S ENS E
6
S ENS E
7
S ENS E
8
S ENS E
9
S ENS E
10
S ENS E
11
VS
15
VS
16
VS
17
VS
18
VS
19
EP 2_S NS
EP 2
G
G
D
S
A
C
G1
G1
G2
G2
G3
G3
G4
G4
R7
0R62
+
-
R5
0R62
GND
1
TAB
7
R6
0R62
G4
R8
0R62
1
2
1
1
2 2
3
3
4
4
1
2
A
C
G4
EVLONE65W
Schematic diagram and bill of material
DB4736 - Rev 1
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com