Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 39Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 40Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 41Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 42Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 43Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 44Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 45Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 46Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
6 to 2
BUF_GATE_CNT[4:0]
The BUF_GATE_CNT field contains the number of OOR periods that have elapsed since the
BUF _GATE_ERR flag was asserted.
This buf_gate_cnt field is reset to 0 after any of the following actions:
1. The host reads out the entire contents of the output buffer such that
BUF
STATUS[BUF_CNT[5:0]] = 0.
2. The host flushes (clears) the output buffer by setting
BUF _CONFIG2[BUF _FLUSH] = 1.
3. Disable the output buffer by setting
BUF CONFIG1[BUF _MODE[1:0]] = 00b, which also
clears the buffer contents.
4. Transitioning FXLS8967AF from Standby to Active mode. which also clears the buffer
contents.
1 to 0
SYS_MODE[1:0]
The current system operating mode
00b: Standby mode (default mode after a POR or soft reset event when BT_MODE = GND)
01b: WAKE mode (default mode after a POR or soft reset event when BT_MODE = VDD and
MOT_DET = 1)
10b: SLEEP mode
11b: EXT_TRIG mode (this mode is unavailable when BT_MODE = VDD)
Notes:
• When external trigger mode is enabled (with SENS_CONFIG4[INT2_FUNC] = 1), while the
device is waiting for a trigger event to occur, SYS_MODE[1:0] is set to 11b. When the trigger
is received, SYS_MODE[1:0] is set to 01b while the measurement is being made, and then
change back to 11b and remain there until the next trigger signal is received.
• When INT_EN[WAKE_OUT_EN] = 1, and SYS_MODE[1:0] = 01b (WAKE), the device outputs
either a logic '1' or '0' on either the INT1 or INT2 pins, depending on the settings made in
INT_
PIN_SEL[WAKE_OUT_INT2] and SENS_CONFIG4[INT_POL].
• When entering the WAKE, SLEEP, or EXT_TRIG modes, the internal debounce counters for
the ORIENT, SDCD_WT, and SDCD_OT event functions are automatically reset.
Table 46. SYS_MODE register (address 14h) bit description...continued
15.11 SENS_CONFIG1 register (address 15h)
Bit
7
6
5
4
3
2
1
0
Name
RST
ST_AXIS_SEL[1:0]
ST_POL
SPI_M
FSR[1:0]
ACTIVE
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
0
0
0
0
1
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 47. SENS_CONFIG1 register (address 15h) bit allocation
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
43 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com