Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 43Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 44Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 45Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 46Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 47Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 48Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 49Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 50Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Bit
7
6
5
4
3
2
1
0
Name
WAKE_ODR[3:0] / WAKE_DEC[3:0]
SLEEP_ODR[3:0] / SLEEP_DEC[3:0]
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
1
1
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 51. SENS_CONFIG3 register (address 17h) bit allocation
In HPM and LPM modes, a decimation factor is implicit, as specified in Table 52 and
Table 53, respectively.
In FPM, the decimation factor for WAKE and SLEEP modes is specified via the same bit-
fields (see Table 54 for the available settings), and along with the WAKE and SLEEP idle
time parameter determines the effective ODR.
For example, if
SENS_CONFIG2[WAKE_PM] = 10b, selecting FPM in the WAKE
operating mode, the SENS_CONFIG3 upper nibble is interpreted as the decimation
factor for WAKE mode (WAKE_DEC[3:0]) per Table 54. If a value of 0110b is chosen,
for example, a decimation factor of 64 is selected. If WAKE_IDLE[11:0] is set to 256
(decimal), the effective ODR would be 1 / ((256+1) * (312.5 µs) * 64) = 0.195 Hz.
The effective ODR is determined in a similar manner for the SLEEP operating mode
using the SLEEP_DEC[3:0] and the SLEEP_IDLE[11:0] values.
When operating in HPM or LPM with ODR = 3200 Hz, or in FPM with IDLE_TIME = 0,
the first data sample is produced after a time delay greater than 1 ODR period using
Equation 1.
(1)
Note: The IDLE_TIME refers to either WAKE_IDLE[11:0] or SLEEP_IDLE[11:0],
depending on current operating mode.
After this initial delay, all subsequent data samples are made available at the ODR rate.
For all other operating modes and settings the first sample is produced within 1 ODR
period.
Notes:
• When the device transitions from WAKE to SLEEP or from SLEEP to WAKE modes
there is a 500 µs (nominal) delay between the last acquisition at the WAKE/SLEEP
mode ODR and the first acquisition at the SLEEP/WAKE mode ODR.
• The ODR may only be changed in Standby mode, with SENS_CONFIG1[ACTIVE] = 0
and
SENS_CONFIG4[INT2_FUNC] = 0.
ODR[3]
ODR[2]
ODR[1]
ODR[0]
ODR
Selection
(Hz)
Decimation
selection
(samples)
Noise RMS (mg)[1][2]
IDD
(µA)
0
0
0
0
3200
1
12.39
150
0
0
0
1
1600
1
11.77
75
0
0
1
0
800
1
11.19
38
Table 52. WAKE and SLEEP low-power mode ODR and decimation settings
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
47 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com