Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 1 Page - NXP Semiconductors

  FXLS8967AFR3 Datasheet HTML 1Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 2Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 3Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 4Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 5Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
FXLS8967AF
3-Axis Low-g Accelerometer
Rev. 1.3 — 22 October 2021
Preliminary data sheet
1 General description
FXLS8967AF is a compact 3-axis MEMS accelerometer designed for use in a wide range
of automotive security and convenience applications that require ultra-low-power wake-
up on motion. The part supports both high-performance and low-power operating modes,
allowing maximum flexibility to meet the resolution and power needs for various unique
use cases. A number of advanced, integrated digital features enable designers to reduce
the overall system power consumption and simplify host data collection.
FXLS8967AF is available in a 2 mm x 2 mm x 0.95 mm 10-pin DFN package with 0.4 mm
pitch and wettable flanks. The device is qualified to AEC-Q100 and operates over the
extended –40 °C to +105 °C temperature range. The combination of sensor performance,
system power-saving features, and extended over-temperature-range performance
makes FXLS8967AF an ideal accelerometer for automotive security and convenience
applications.
2 Features and benefits
• ±2/4/8/16 g user-selectable, full-scale measurement ranges
• 12-bit acceleration data
• 8-bit temperature sensor data
• Low noise: 280 µg/√Hz in high performance mode
• Low-power capability:
– ≤ 1 μA IDD for ODRs up to 6.25 Hz
– < 4 µA IDD for ODRs up to 50 Hz
• Selectable ODRs up to 3200 Hz; Flexible Performance mode allows for custom ODRs
with programmable decimation (resolution) and idle-time settings
• 144 byte output data buffer (FIFO/LIFO) capable of storing up to 32 12-bit X/Y/Z data
triplets
• Flexible Sensor Data Change Detection (SDCD) function for realizing motion or no
motion, high-g/low-g, freefall, and other inertial events
• Autonomous orientation detection function (Portrait/Landscape/Up/Down)
• Dedicated low-power motion-detection mode with one wire interface option
• 12-bit vector magnitude calculation
• Trigger input for synchronizing data collection with an external system
• I2C interface frequencies up to 1 MHz; 3- and 4-wire SPI interface with clock
frequencies up to 4 MHz
• Bidirectional self-test diagnostic: Device motion or orientation does not impact the
result.


Similar Part No. - FXLS8967AFR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXLS8967AFR3 NXP-FXLS8967AFR3 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results

Similar Description - FXLS8967AFR3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
REV. A
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com