Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 40Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 41Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 42Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 43Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 44Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 45Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 46Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 47Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
7
RST
The RST bit may be used to initiate a software reset. The reset mechanism can be triggered in
Standby, Active (WAKE or SLEEP), and EXT_TRIG operating modes. When the RST bit is set, the
boot mechanism resets all functional blocks and loads the internal registers with their default values
(The
INT_POL, INT_PP_OD, and BOOT_DIS bits are not reset and maintains their current values
as long as power is not removed from the VDD pin and Hibernate mode is not enabled). The host
application should allow TBOOT1 or TBOOT2 ms between issuing a reset command and attempting
communications with FXLS8967AF over the I2C/SPI interfaces. Alternatively, the host can wait for the
active edge on the TBOOT1/2 pulse event signaled on the configured INTx pin.
0: No device reset pending
1: Write '1' to trigger the soft reset sequence
Notes:
• The I2C and SPI interface blocks are also reset to avoid corrupted data transactions.
• The reset sequence does not start until the host I2C controller issues the SP (stop) condition, or the
SPI primary releases the SPI_CS_B pin.
• The host always reads back this bit as '0'.
• There is a delay of 300 μs to 500 μs between setting the RST bit and the commencement of the
reset sequence.
6 to 5
ST_AXIS_SEL[1:0]
Self-test axis selection
This bit field selects the transducer axis to test using the Self-Test function. The ST_POL bit allows
either positive or negative self-test displacements to be applied.
The host system may use the self-test function to verify the functionality of both the transducer and
signal measurement chain without the need to apply an external acceleration stimulus.
Notes:
• The data output from the two axes that are not selected by ST_AXIS_SEL during the self-test
sequence are not meaningful and should be ignored.
• NXP recommends minimizing the communication traffic on the device serial interface during the
measurement phase in order to reduce the susceptibility of the self-test response signal to induced
noise. NXP strongly recommends operating the self-test in interrupt mode.
00b: (default): Self-test function is disabled
01b: Self-test function is enabled for X-axis
10b: Self-test function is enabled for Y-axis
11b: Self-test function is enabled for Z-axis
4
ST_POL
Self-test displacement polarity
0 (default): Proof mass displacement for the selected axis is in the positive direction.
1: Proof mass displacement for the selected axis is in the negative direction.
3
SPI_M
SPI interface mode selection; selects between 3- and 4-wire operating modes for the SPI interface:
0 (default): 4-wire interface mode is selected
1: 3-wire interface mode is selected
Notes:
• The state of this bit is only relevant when the SPI interface mode is selected (INTF_SEL = VDD).
• When INTF_SEL = VDD and SPI_M = 1, the SDA/SPI_MOSI pin becomes the bidirectional
SPI_DATA pin; the SA0/MISO pin is unused and placed in a high-impedance state.
• 4-wire mode is selected by default after a POR/BOR event or when exiting Hibernate mode.
• If INTF_SEL = VDD and the SPI_MOSI and SPI_MISO lines are directly connected together on the
PCB, 3-wire SPI mode is enabled regardless of the setting of this bit
Table 48. SENS_CONFIG1 register (address 15h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
44 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com