Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 76Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 77Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 78Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 79Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 80Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 81Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 82Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 83Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
16 Application information
16.1 System connections
FXLS8967AF connects to a host processor through an I2C or SPI interface. Figure 19 to
Figure 24 show the recommended circuit connections.
16.2 Recommendation for reading data registers
When operating in active mode the sensor stores the acceleration measurement in
the associated LSB and MSB Data registers. Assuming Fast Mode Read is not used,
it is important to ensure the coherency between MSB and LSB data bytes for a given
axis when the host MCU reads those two registers, in order words, they both need to
correspond to the same measurement sample.
As mentioned in the registers description, the output data is latched into the OUT_X/Y/Z
registers along with the assertion of the SRC_DRDY event flag. Moreover, when the host
MCU initiates a data register read transaction on the slave interface (Start condition in
I2C mode or SPI_CS transition to low level in SPI mode), the content of all data registers
is locked till the transaction is completed. There are actually shadow registers to prevent
that data registers are updated when a new sample becomes available.
If the MCU performs single byte read transactions, the coherency between MSB and
LSB data bytes cannot be granted as they will be associated to two distinct transactions.
Consequently it is highly recommended to use multiple bytes for data reading, in order to
at least collect both MSB and LSB data bytes with a unique read transaction. Obviously,
the MCU can collect all three axes data simultaneously (6 bytes) with a multiple bytes
data reading, and this will also ensure that the XYZ data triplet corresponds to the same
timestamp.
Note: This constraint is mostly valid for asynchronous data reading. It is quite lightened
if the host MCU configures the sensor data ready interrupt to perform synchronous
(interrupt driven) data reading, as this provides an adequate trigger to read the samples.
The synchronous reading scheme is also recommended to avoid unnecessary traffic on
the slave interface, such as polling status registers.
Those considerations applies to normal Data output registers OUT_X/Y/Z, but also to
BUFF_X/Y/Z registers and VECM registers.
16.3 Typical application circuits
X7R or X5R ceramic capacitors are recommended for VDD supply decoupling. A 1 µF
capacitor in parallel with a 0.1 µF is recommended as a starting point per the NXP EMC
test standard. These capacitors should be placed as close to the VDD supply pin as
practical. The values of the capacitors can be changed to suit the EMC performance
requirements of the application.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
80 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com