Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB242
Description  FSUSB242 Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 2Page - ON Semiconductor FSUSB242 Datasheet HTML 3Page - ON Semiconductor FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FSUSB242UCX−Z002
www.onsemi.com
6
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage from VDD
−0.5
12.0
V
VSW
DC Input voltage tolerance for HSD±, to GND
−18
20
V
DC Input voltage tolerance for HSD1±, HSD2± to GND
−1.2
6
V
VCONTROL
DC Input Voltage (SEL)
−0.5
6
V
ISW
DC HSD Switch Current
100
mA
IIK
DC Input Diode Current
−50
mA
TSTORAGE
Storage Temperature Range
−65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model, JEDEC
JESD22−A114
Power to GND
2
kV
Internal Pin to GND (HSD1±, HSD2±)
2
External Pin to GND (HSD±)
14
Charged Device Model, JEDEC
LESD22−C101
All Pins
1
IEC 61000−4−5 Surge Protection
HSD±, to GND
±25
V
VDD to GND
+12
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 4. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
4.2
5.5
V
VSW1
HSD1 Switch I/O Signal Swing Voltage (Note 1)
−0.5
3.6
V
VSW2
HSD2 Switch I/O Signal Swing Voltage (Note 1)
−0.5
4.5
V
ICCSW
Maximum HSD Switch Continuous Current
75
mA
VCNTRL
Control Input Voltage (SEL)
−0.5
VDD
V
TA
Operating Temperature
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. The switch swing voltage is based on the OVP trip level, and when OVP triggers the switch will be disabled to protect the host and no longer
in the standard operating condition, once over voltage is removed the device will automatically recover back to normal condition.
Table 5. DC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA =25°C and VDD = 4.2 V unless
otherwise specified.)
Symbol
Characteristic
VDD (V)
Conditions
TA = −40 to +855C
TJ = −40 to +1255C
Unit
Min
Typ
Max
BASIC OPERATION DEVICE
ICC
Quiescent Supply Current
2.7 to 5.5
WLCSP: /OE = H & L, IOUT =0
10
mA
IOFF
Power−Off Leakage Current
0
VSWHSD1 = 0 V to 3.6 V,
VSWHSD2 = 0 V to 4.5 V
−3
3
mA
IIN
Control Input Leakage
2.7 to 5.5
VCNTRL = 0 V to VDD
−2
4
mA
IOZ
Off State Leakage
2.7 to 5.5
HSD± ≥ 0 V, HSD1±,
HSD2± ≤ 3.6 V
−3
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com