Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet (PDF) - ON Semiconductor

FSUSB242 Datasheet PDF - ON Semiconductor
Part # FSUSB242
Download  FSUSB242 Download
File Size   509.18 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FSUSB242 Type-C USB Port Protection Switch

FSUSB242 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSUSB242 Datasheet PDF - ON Semiconductor

Part # FSUSB242
Download  FSUSB242 Click to download

File Size   509.18 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FSUSB242 Type-C USB Port Protection Switch

FSUSB242 Datasheet (HTML) - ON Semiconductor


FSUSB242 Product details

Features
• Fully USB Data Port Protection
• VDD 0 V− 5.5 V (12 V DC tolerant)
• −18 V to +20 V DC Tolerance on HSD± Port
• ±25 V IEC 61000−4−5 Surge Protection w/o External TVS
• VDD Operating Range, 2.7 V−5.5 V
• HSD RON: 5  Typical
• CON = 5 pF Typical
• Wide −3 dB Bandwidth: > 720 MHz
• Low Power Operation: ICC < 10 A (Typical)
• Over Voltage Protection: 3.6 V & 4.5 V

Typical Applications
• Smartphones
• Tablets
• Laptops

Safety Mechanisms Highlight
• 3.6 V & 4.5 V OVP Trip Point
• ±25 V Surge Protection without Need for External TVS




Similar Part No. - FSUSB242

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
FSUSB242UCX ONSEMI-FSUSB242UCX Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
More results


Similar Description - FSUSB242

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
ON Semiconductor
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
SM5362 SILICONMITUS-SM5362 Datasheet
218Kb / 2P
USB Type-C High Voltage Load Switch with Protection
July 2021- Rev. 0.0.2
SM5514B SILICONMITUS-SM5514B Datasheet
626Kb / 2P
USB Type-C Port Protection IC with 2:1 MUX High-Speed Switch
March 2019 Rev. 1.0.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com