Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSUSB242
Description  FSUSB242 Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor FSUSB242 Datasheet HTML 11Page - ON Semiconductor FSUSB242 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FSUSB242UCX−Z002
www.onsemi.com
9
TEST DIAGRAMS
Figure 9. On Resistance
Figure 10. Off Leakage
Figure 11. AC Test Circuit Load
Figure 12. Turn−On / Turn−Off Waveforms
Figure 13. Propagation Delay (tRtF − 500 ps)
Figure 14. Intra-Pair Skew Test tSK(P)
Select
HSDn
Dn
VSel= 0 orVcc
ION
VON
RON= VON/ ION
GND
VSW
GND
SW
Select
VSel= 0 orVcc
NC
A
I
Dn(OFF)
VSW
GND
V
Vcc
**Each switch port is tested separately
RL, RS, and CL are functions of the application
environment (see AC Tables for specific values)
CL includes test fixture and stray capacitance.
RL
CL
HSDn
Dn
GND
GND
RS
VSel
VSW
GND
VOUT
VOUT
tRISE= 2.5ns
GND
VCC
90%
90%
10%
10%
tFALL = 2.5ns
VCC /2
VCC /2
Input– V/OE,VSel
Output− V
OUT
90%
VOH
VOL
tON
tOFF
90%
V
– V
V
–
tRISE= 500ps
−400mV
90%
90%
10%
10%
tFALL = 500ps
0V
Output
tPHL
+400mV
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com