Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSUSB242
Description  FSUSB242 Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor FSUSB242 Datasheet HTML 11Page - ON Semiconductor FSUSB242 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FSUSB242UCX−Z002
www.onsemi.com
10
TEST DIAGRAMS (Continued)
Figure 15. Break−Before−Make Interval Timing
Figure 16. Bandwidth
Figure 17. Channel Off Isolation
Figure 18. Non-Adjacent Channel-to-Channel Crosstalk
Vcc
0.9*Vout
Vcc/2
tBBM
0V
VOUT
Input− VSel
0.9*Vout
tRISE= 2.5ns
90%
10%
CL
HSDn
RL
Dn
GND
GND
RS
VSel
V
SW1
GND
VOUT
V
SW2
GND
−−
RL, RS, and CL are functions of the application
environment (see AC Tables for specific values)
CL includes test fixture and stray capacitance.
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
VSel
GND
RS and RT are functions of the application
environment (see AC Tables for specific values).
VIN
RS and RT are functions of the application
environment (see AC Tables for specific values).
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VSel
GND
VIN
RT
Off isolation = 20 Log (VOUT / VIN)
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
RS and RT are functions of the application environment
(see AC Tables for specific values).
VSel
GND
NC
VIN
Crosstalk = 20 Log (VOUT / VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com