Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB242 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FSUSB242
Description  FSUSB242 Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor FSUSB242 Datasheet HTML 11Page - ON Semiconductor FSUSB242 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FSUSB242UCX−Z002
www.onsemi.com
11
TEST DIAGRAMS (Continued)
Figure 19. Channel Off Capacitance
Figure 20. Channel On Capacitance
Capacitance
Meter
HSDn
Dn
S=LOW or HIGH
OE=HIGH
Capacitance
Meter
HSDn
Dn
S=LOW or HIGH
OE=LOW
ORDERING INFORMATION
Table 7. AVAILABLE PART NUMBERS
Part Number
Device Code
Operating Temperature Range
Package
Packing Method†
FSUSB242UCX−Z002
MT
−40 to 85°C
9−Ball WLCSP
(1.20 x 1.20 mm)
Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com