Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS3000
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS3000 Datasheet HTML 1Page - Renesas Technology Corp FS3000 Datasheet HTML 2Page - Renesas Technology Corp FS3000 Datasheet HTML 3Page - Renesas Technology Corp FS3000 Datasheet HTML 4Page - Renesas Technology Corp FS3000 Datasheet HTML 5Page - Renesas Technology Corp FS3000 Datasheet HTML 6Page - Renesas Technology Corp FS3000 Datasheet HTML 7Page - Renesas Technology Corp FS3000 Datasheet HTML 8Page - Renesas Technology Corp FS3000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
FS3000
Air Velocity Sensor Module
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 1
© 2022 Renesas Electronics
The FS3000 is a surface-mount type air velocity
module that uses a MEMS thermopile-based sensor.
The FS3000 features a digital output with 12-bit
resolution. The sensor comprises a “solid” thermal
isolation technology and silicon-carbide coating to
protect it from abrasive wear and water
condensation.
The module features a compact design fit for low
profile enclosures.
Features
Robust “solid” isolation technology
Resistant to surface contamination
Resistant to vibration and pressure shock
Low power application
Digital output: I2C
Supply voltage: 3.3V
Module operating temperature range: -20°C to
+85°C
Module size: 8 × 9 × 3.7 mm
Applications
Data center and servers
HVAC and air control systems
Laminar flow control systems
Air filtration and collection systems
Figure 1. FS3000 Air Velocity Module


Similar Part No. - FS3000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS3000-EVK RENESAS-FS3000-EVK Datasheet
1Mb / 24P
Environmental Sensors
Jul 30, 2024 Rev.1.03
More results

Similar Description - FS3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAF1005 ETC2-SAF1005 Datasheet
103Kb / 3P
SAF Series Air Velocity Switch
logo
Omron Electronics LLC
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Renesas Technology Corp
FS1015 RENESAS-FS1015 Datasheet
483Kb / 11P
Air Velocity Sensor Module
Jun 2, 2022
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE660 EPLUSE-EE660 Datasheet
1Mb / 9P
Low Air Velocity Sensor
05-2023
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
HVAC Air Velocity Probe
08-2023
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com