Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEG227HKP4460ME4 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PEG227HKP4460ME4
Description  Axial Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEG227HKP4460ME4 Datasheet(HTML) 1 Page - Kemet Corporation

  PEG227HKP4460ME4 Datasheet HTML 1Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 2Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 3Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 4Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 5Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 6Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 7Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4094_PEG227 • 4/5/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• AEC–Q200automotivequalified
• 2,000 hours at +150°C
• Ultra-High CV
• Extremely high ripple current
• Up to 27 ARMS ripple current, continuous load
• ESR stability over lifetime
• High vibration resistance
• Polarized all-welded design
• Outstanding electrical performance
Overview
KEMET's PEG227 is an Ultra-High CV electrolytic capacitor
with an outstanding electrical performance and high energy
storage capability. The device has a polarized all-welded
design, tinned copper wire leads, and a negative pole
connected to the case. The PEG227 winding is housed in
a cylindrical aluminum can with a high purity aluminum lid
and high quality rubber gasket. Low ESR is the result of a
low resistive electrolyte/paper system and an all-welded
design. Thanks to its mechanical robustness, the PEG227
is suitable for use in mobile and aircraft installations,
with operation up to +150°C. KEMET's automotive grade
capacitors meet the demanding Automotive Electronics
Council'sAEC–Q200qualificationrequirements.
Applications
The KEMET PEG227 is a new generation of Ultra-High CV
axial electrolytic capacitors. It is designed for automotive
applications with extremely high demands.
Axial Aluminum Electrolytic Capacitors
PEG227, +125°C & +150°C
Part Number System
PEG227
H
KL
432
0
M
E4
Series
Rated Voltage
(VDC)
Size Code
Capacitance Code
(µF)
Version
Capacitance
Tolerance
Packaging
Axial Aluminum
Electrolytic
H = 25
K = 40
M = 63
See Dimension
Table
The last two
digits represent
significantfigures.
Thefirstdigit
indicates the total
number digits.
0 = Standard
Q=−10+30%
M=±20%
E4 = Tray


Similar Part No. - PEG227HKP4460ME4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEG227HKL4320ME4 KEMET-PEG227HKL4320ME4 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG227HKL4320QE4 KEMET-PEG227HKL4320QE4 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
More results

Similar Description - PEG227HKP4460ME4

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Suntan Capacitors
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG228 KEMET-PEG228 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com