Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEG227HKP4460ME4 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PEG227HKP4460ME4
Description  Axial Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEG227HKP4460ME4 Datasheet(HTML) 4 Page - Kemet Corporation

  PEG227HKP4460ME4 Datasheet HTML 1Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 2Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 3Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 4Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 5Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 6Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 7Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4094_PEG227 • 4/5/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Axial Aluminum Electrolytic Capacitors – PEG227, +125°C & +150°C
Shelf Life
Thecapacitance,ESR,andimpedanceofacapacitorwillnotchangesignificantlyafterextendedstorageperiods;however,
the leakage current will very slowly increase. KEMET products are particularly stable and allow a shelf life in excess of ten
yearsat40°C.Seesectionalspecificationundereachproductseriesforspecificdata.
Failure Rate
Estimatedfieldfailurerate:≤0.15ppm(failuresperyear/producednumberofcapacitorsperyear).
Theexpectedfailurerateforthiscapacitorrangeisbasedonfieldexperienceforcapacitorswithstructuralsimilarity.
Environmental Compliance
All Part Numbers in this datasheet are Reach and RoHS compliant and Halogen-Free.
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production.
In Europe (RoHS Directive) and in some other geographical areas such as China, legislation has been put in place to prevent
the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this catalog are produced
tohelpourcustomers'obligationstoguaranteetheirproductsandfulfilltheselegislativerequirements.Theonlymaterialof
concerninourproductshasbeenlead(Pb),whichhasbeenremovedfromalldesignstofulfilltherequirementofcontaining
lessthan0.1%ofleadinanyhomogeneousmaterial.KEMETwillcloselyfollowanychangesinlegislationworldwideand
make any necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Due to customer requirements, there may appear additional markings such as lead-free (LF), or lead-free wires (LFW) on the
label.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com