Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEG227HKP4460ME4 Datasheet(PDF) 5 Page - Kemet Corporation

Part # PEG227HKP4460ME4
Description  Axial Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEG227HKP4460ME4 Datasheet(HTML) 5 Page - Kemet Corporation

  PEG227HKP4460ME4 Datasheet HTML 1Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 2Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 3Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 4Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 5Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 6Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 7Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4094_PEG227 • 4/5/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Axial Aluminum Electrolytic Capacitors – PEG227, +125°C & +150°C
Table 1 – Ratings & Part Number Reference
Rated
Voltage
De-Rated
Voltage
150°C
Rated
Capacitance
Size
Code
Case
Size
Ripple Current
Part Number
Maximum
Rated
Maximum
(Reduced
Voltage)
(VDC)
(VDC)
100 Hz
20°C (µF)
D x L
(mm)
≥ 5 kHz
125°C (A)1
≥ 5 kHz
140°C (A)2
≥ 5 kHz
150°C (A)2
≥ 5 kHz
125°C (A)
≥ 5 kHz
125°C (A)
Part Number Options
25
18
3,200
KL
16 x 27
17.2
10.9
4.9
6.2
7.8
PEG227HKL4320ME4
25
18
4,600
KP
16 x 35
19.3
12.2
5.5
7.4
9.3
PEG227HKP4460ME4
25
18
4,300
LL
18 x 27
19.4
12.3
5.5
7
8.9
PEG227HLL4430QE4
25
18
6,200
LP
18 x 35
21.6
13.6
6.1
8.3
10.5
PEG227HLP4620QE4
25
18
7,100
LQ
18 x 39
22.2
14.1
6.3
8.8
11.1
PEG227HLQ4710QE4
25
18
5,600
ML
20 x 27
23.1
14.6
6.5
7.6
9.6
PEG227HML4560QE4
25
18
8,100
MP
20 x 35
25.7
16.2
7.3
9
11.4
PEG227HMP4810QE4
25
18
10,500
MS
20 x 43
27.1
17.1
7.7
9.9
12.5
PEG227HMS5100QE4
40
32
1,500
KL
16 x 27
16.8
10.6
4.8
6
7.6
PEG227KKL4150ME4
40
32
2,200
KP
16 x 35
19
12
5.4
7.2
9.1
PEG227KKP4220ME4
40
32
2,100
LL
18 x 27
19
12
5.4
6.9
8.7
PEG227KLL4210QE4
40
32
3,000
LP
18 x 35
21.2
13.4
6
8.2
10.4
PEG227KLP4300QE4
40
32
3,500
LQ
18 x 39
22
13.9
6.2
8.7
11
PEG227KLQ4350QE4
40
32
2,700
ML
20 x 27
22.7
14.4
6.4
7.4
9.4
PEG227KML4270QE4
40
32
4,200
MP
20 x 35
25.5
16.1
7.2
9
11.4
PEG227KMP4420QE4
40
32
5,200
MS
20 x 43
26.7
16.9
7.6
9.8
12.4
PEG227KMS4520QE4
63
54
780
KL
16 x 27
12.9
8.2
3.7
4.6
5.9
PEG227MKL3780QE4
63
54
1,100
KP
16 x 35
14.9
9.4
4.2
5.7
7.2
PEG227MKP4110QE4
63
54
1,100
LL
18 x 27
15.2
9.6
4.3
5.5
6.9
PEG227MLL4110QE4
63
54
1,600
LP
18 x 35
17.3
11
4.9
6.7
8.5
PEG227MLP4160QE4
63
54
1,900
LQ
18 x 39
18.2
11.5
5.1
7.2
9.1
PEG227MLQ4190QE4
63
54
1,500
ML
20 x 27
18.8
11.9
5.3
6.1
7.8
PEG227MML4150QE4
63
54
2,100
MP
20 x 35
21.3
13.5
6
7.5
9.5
PEG227MMP4210QE4
63
54
2,800
MS
20 x 43
23.4
14.8
6.6
8.5
10.7
PEG227MMS4280QE4
Rated
Voltage
De-Rated
Voltage 150°C
Rated
Capacitance
Size
Code
Case
Size
Ripple Current
Part Number
1
Capacitor-mounted with low thermal resistance path (heat-sink).
2
Valid for capacitor supplied with reduced DC voltage, capacitor-mounted with low thermal resistance path.
ESR Maximum
Part Number
100 Hz
20°C (mΩ)
100 kHz
20°C (mΩ)
5–100 kHz
125–150°C (mΩ)
Part Number Options
49
32
12.1
PEG227HKL4320ME4
35
23
9.6
PEG227HKP4460ME4
37
24
10.4
PEG227HLL4430QE4
27
18
8.4
PEG227HLP4620QE4
24
16
7.9
PEG227HLQ4710QE4
30
20
9.8
PEG227HML4560QE4
22
15
7.9
PEG227HMP4810QE4
18
13
7.1
PEG227HMS5100QE4
67
32
12.6
PEG227KKL4150ME4
47
23
9.9
PEG227KKP4220ME4
49
24
10.8
PEG227KLL4210QE4
35
18
8.7
PEG227KLP4300QE4
31
16
8.1
PEG227KLQ4350QE4
40
20
10.1
PEG227KML4270QE4
27
14
8
PEG227KMP4420QE4
23
13
7.3
PEG227KMS4520QE4
107
45
21.3
PEG227MKL3780QE4
76
32
16
PEG227MKP4110QE4
77
33
16.9
PEG227MLL4110QE4
55
24
13
PEG227MLP4160QE4
47
21
11.8
PEG227MLQ4190QE4
60
27
14.8
PEG227MML4150QE4
43
20
11.5
PEG227MMP4210QE4
34
16
9.8
PEG227MMS4280QE4
ESR
Part Number



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com