Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEG227HKP4460ME4 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PEG227HKP4460ME4
Description  Axial Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEG227HKP4460ME4 Datasheet(HTML) 2 Page - Kemet Corporation

  PEG227HKP4460ME4 Datasheet HTML 1Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 2Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 3Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 4Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 5Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 6Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 7Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4094_PEG227 • 4/5/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Axial Aluminum Electrolytic Capacitors – PEG227, +125°C & +150°C
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
780 – 10,500 µF
Rated Voltage
25 – 63 VDC
Operating Temperature
–40 to +125°C (–40 to +150°C at derated voltage)
Capacitance Tolerance
–10/+30%,(±20%selectvalues)at100Hz/+20°C
Operational Lifetime
D (mm)
Rated voltage, +125°C (hours)
Rated voltage, +150°C (hours)
16
6,300
1,500
18 and 20
8,400
2,000
Shelf Life
5,000 hours at +105°C or 10 years at +40°C 0 VDC
Leakage Current
I = 0.003 CV + 4.0 (µA)
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 5 minutes at +20°C.
Vibration Test
Specifications
Procedure
Requirements
1.5 mm displacement amplitude or 20 g maximum acceleration. Vibration applied
for three 22-hour sessions at 10 – 2,000 Hz (capacitor clamped by body).
No leakage of electrolyte or
other visible damage. Deviations
in capacitance from initial
measurements must not exceed:
ΔC/C<5%
Standards
IEC 60384–4 long life grade 40/125/56, AEC–Q200
Compensation Factor of Ripple Current (RC) vs. Frequency
Frequency
100 Hz
300 Hz
1 kHz
5 kHz
100 kHz
Coefficient
0.35
0.57
0.80
1.00
1.04
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+150°C
Test Duration
1,500 hours (D = 16 mm)
2,000 hours (D = 18 and 20 mm)
Ripple Current
Maximumripplecurrentspecifiedintable
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
Within15%oftheinitialvalue
Equivalent Series Resistance
≥2xinitialvalue(typically≥1.3xat90%ofthelifetime)
Leakage Current
Does not exceed leakage current limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com