Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEG227HKP4460ME4 Datasheet(PDF) 3 Page - Kemet Corporation

Part # PEG227HKP4460ME4
Description  Axial Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEG227HKP4460ME4 Datasheet(HTML) 3 Page - Kemet Corporation

  PEG227HKP4460ME4 Datasheet HTML 1Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 2Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 3Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 4Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 5Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 6Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 7Page - Kemet Corporation PEG227HKP4460ME4 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4094_PEG227 • 4/5/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Axial Aluminum Electrolytic Capacitors – PEG227, +125°C & +150°C
Ordering Options Table
Packaging Kind
Lead Length (mm)
Lead and
Packaging Code
Standard Packaging Option
Bulk (box)
40 ±2
E1 - Obsolete
Tray
40 ±2
E4
Size Code
Tray Quantity
Size Code
Tray Quantity
KL
100
LQ
100
KP
75
ML
125
LL
135
MP
100
LP
110
Dimensions – Millimeters
SIDE VIEW
END VIEW (+)
L
L1
d
Length to Lead Bend
LL
LL
D
−
+
Size
Code
Dimensions in mm
Approximate
Weight
Grams
D
L
L1
d
LL
±0.5
±1
Minimum
±0.03
b ±2 Box
KL
16.2
26.7
33
1.0
40
8
KP
16.2
34.7
41
1.0
40
11
LL
18.2
26.7
33
1.0
40
11
LP
18.2
34.7
41
1.0
40
14
LQ
18.2
38.7
45
1.0
40
16
ML
20.2
26.7
33
1.0
40
13
MP
20.2
34.7
41
1.0
40
20
MS
20.2
42.7
49
1.0
40
24
Note: L1 is KEMET's recommendation for minimum distance between symmetrical lead bend. Available only for
customerspecificpartnumbers.Leadbenddimensionsmustbespecifiedandconfirmedperarticle.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com