Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 44Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 45Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 46Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 47Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 48Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 49Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 50Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 51Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 48 of 178
Apr 15, 2022
L3
P16
MTIOC3C/
MTIOC3D/
TIOCB1/
TCLKC/
TMO2/PO14/
RTCOUT
TXD1/RXD3/
SMOSI1/
SMISO3/SSDA1/
SSCL3/SCL2-DS/
USB0_VBUS/
USB0_VBUSEN/
USB0_OVRCUR
B
IRQ6
ADTRG0#
L4
P24
CS4#/
EDREQ1
MTIOC4A/
MTCLKA/
TIOCB4/
TMRI1/PO4
SCK3/
USB0_VBUSEN
SDHI_WP
IRQ12
TS5
L5
P13
MTIOC0B/
TIOCA5/
TMO3/PO13
TXD2/SMOSI2/
SSDA2/
SDA0[FM+]/
SDAHS0[FM+/
HS]
IRQ3
ADTRG1#
L6
P56
EDACK1
MTIOC3C/
TIOCA1
SCK7/
RSPCKC-B
IRQ6
L7
P52
RD#
RXD2/SMISO2/
SSCL2/SSLB3-A
IRQ2
L8
TRCLK
P83
EDACK1
MTIOC4C
SS10#/CTS10#/
SCK10/SS010#/
CTS010#/
SCK010
IRQ3
L9
PC5
D3[A3/D3]/
A21/CS2#/
WAIT#
MTIOC3B/
MTCLKD/
TMRI2/PO29
SCK8/SCK10/
RSPCKA-A/
SSIBCK0/
SCK010/
RSPCK0-A
IRQ5
TS14
L10
PC4
A20/CS3#
MTIOC3D/
MTCLKC/
TMCI1/PO25/
POE0#
SCK5/CTS8#/
RTS8#/SS8#/
SS10#/CTS10#/
RTS10#/
SSLA0-A/
AUDIO_CLK/
SS010#/
CTS010#/
RTS010#/DE010/
SSL00-A
SDHI_D1-A/
QIO1-A
IRQ12
TSCAP
L11
PC2
A18
MTIOC4B/
TCLKA/PO21
RXD5/SMISO5/
SSCL5/SSLA3-A/
TXDB011/
SSL03-A
SDHI_D3-A
IRQ10
L12
TRDATA4
P73
CS3#
PO16
IRQ8
L13
VSS
M1
P22
EDREQ0
MTIOC3B/
MTCLKC/
TIOCC3/
TMO0/PO2
SCK0/
USB0_OVRCUR
B/
AUDIO_CLK
SDHI_D0-C
IRQ15
TS7
M2
P17
MTIOC3A/
MTIOC3B/
MTIOC4B/
TIOCB0/
TCLKD/
TMO1/PO15/
POE8#
SCK1/TXD3/
SMOSI3/SSDA3/
SDA2-DS/
SSITXD0
SDHI_D3-C
IRQ7
ADTRG1#
Table 1.6
List of Pin and Pin Functions (0.50-mm Pitch, 145-Pin TFLGA) (6/8)
Pin No.
Power
Supply
Clock
System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Interrupt
A/D
Others
(CTSU,
CLKOUT,
Tamper
detection)
145-Pin
TFLGA
(0.50-mm
pitch)
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(SCI, RSCI,
RSPI, RSPIA,
RIIC, RIICHS,
CAN, USB, SSIE,
REMC)
(QSPIX,
SDHI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com