Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 49Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 50Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 51Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 52Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 53Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 54Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 55Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 56Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 53 of 178
Apr 15, 2022
41
P86
MTIOC4D/
TIOCA0
SMISO10/
SSCL10/RXD10/
SMISO010/
SSCL010/
RXD010
IRQ14
42
P15
MTIOC0B/
MTCLKB/
TIOCB2/
TCLKB/
TMCI2/PO13
RXD1/SCK3/
SMISO1/SSCL1/
CRX1-DS
IRQ5
TS10
43
P14
MTIOC3A/
MTCLKA/
TIOCB5/
TCLKA/
TMRI2/PO15
CTS1#/RTS1#/
SS1#/CTX1/
USB0_OVRCUR
A
IRQ4
TS11
44
P13
MTIOC0B/
TIOCA5/
TMO3/PO13
TXD2/SMOSI2/
SSDA2/
SDA0[FM+]/
SDAHS0[FM+/
HS]
IRQ3
ADTRG1#
45
P12
MTIC5U/
TMCI1
RXD2/SMISO2/
SSCL2/
SCL0[FM+]/
SCLHS0[FM+/
HS]
IRQ2
46
VCC_USB
47
PH2
TMRI0
USB0_DM
IRQ1
48
PH1
TMO0
USB0_DP
IRQ0
49
VSS_USB
50
P56
EDACK1
MTIOC3C/
TIOCA1
SCK7/
RSPCKC-B
IRQ6
51
TRDATA3
P55
D0[A0/D0]/
WAIT#/
EDREQ0
MTIOC4D/
TMO3
TXD7/SMOSI7/
SSDA7/CRX1/
MISOC-B
IRQ10
52
TRDATA2
P54
ALE/
D1[A1/D1]/
EDACK0
MTIOC4B/
TMCI1
CTS2#/RTS2#/
SS2#/CTX1/
MOSIC-B
IRQ4
53
P53*1
BCLK
SSIRXD0/
PMC0-DS
IRQ3
TS12
54
P52
RD#
RXD2/SMISO2/
SSCL2/SSLB3-A
IRQ2
55
P51
WR1#/
BC1#/
WAIT#
SCK2/SSLB2-A
IRQ1
56
P50
WR0#/WR#
TXD2/SMOSI2/
SSDA2/SSLB1-A
IRQ0
57
VSS
58
TRCLK
P83
EDACK1
MTIOC4C
SS10#/CTS10#/
SCK10/SS010#/
CTS010#/
SCK010
IRQ3
59
VCC
Table 1.7
List of Pin and Pin Functions (144-Pin LFQFP) (3/8)
Pin No.
Power
Supply
Clock
System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Interrupt
A/D
Others
(CTSU,
CLKOUT,
Tamper
detection)
144-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(SCI, RSCI,
RSPI, RSPIA,
RIIC, RIICHS,
CAN, USB, SSIE,
REMC)
(QSPIX,
SDHI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com