Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 19Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 20Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 21Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 22Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 23Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 24Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 25Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 26Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 23 of 178
Apr 15, 2022
Serial communications
interface (RSCI)
• Asynchronous mode/clock synchronous mode
SCK010, SCK011
I/O
Input/output pins for the clock
RXD010, RXD011
Input
Input pins for received data
TXD010, TXD011
Output
Output pins for transmitted data
CTS010#, CTS011#
Input
Input pins for controlling the start of transmission and reception
RTS010#, RTS011#
Output
Output pins for controlling the start of transmission and
reception
DE010, DE011
Output
DriveEnable output pins
• Simple I2C mode
SSCL010, SSCL011
I/O
Input/output pins for the I2C clock
SSDA010, SSDA011
I/O
Input/output pins for the I2C data
• Simple SPI mode
SCK010, SCK011
I/O
Input/output pins for the clock
SMISO010, SMISO011
I/O
Input/output pins for slave transmission of data
SMOSI010, SMOSI011
I/O
Input/output pins for master transmission of data
SS010#, SS011#
Input
Chip-select input pins
• HBS support mode
RXD010, RXD011
Input
Input pin for received data
TXD010, TXD011, TXDA011,
TXDB011
Output
Output pins for transmitted data
I2C bus interface
SCL0[FM+], SCL1, SCL2,
SCL2-DS
I/O
Input/output pins for clocks. Bus can be directly driven by the
N-channel open drain
SDA0[FM+], SDA1, SDA2,
SDA2-DS
I/O
Input/output pins for data. Bus can be directly driven by the
N-channel open drain
Hi-speed I2C bus
interface (RIICHS)
SCLHS0[FM+/HS]
I/O
Input/output pin for clocks. Bus can be directly driven by the
N-channel open drain
SDAHS0[FM+/HS]
I/O
Input/output pin for data. Bus can be directly driven by the
N-channel open drain
USB 2.0 host/function
module
VCC_USB
Input
Power supply pin
VSS_USB
Input
Ground pin
USB0_DP, USB1_DP
I/O
Input or output USB transceiver D+ data.
USB0_DM, USB1_DM
I/O
Input or output USB transceiver D- data.
USB0_EXICEN,
USB1_EXICEN
Output
Connect to the OTG power IC.
USB0_ID, USB1_ID
Input
Connect to the OTG power IC.
USB0_VBUSEN,
USB1_VBUSEN
Output
USB VBUS power enable pins
USB0_OVRCURA/
USB0_OVRCURB,
USB1_OVRCURA/
USB1_OVRCURB
Input
USB overcurrent pins
USB0_VBUS, USB1_VBUS
Input
USB cable connection/disconnection detection input pins
CAN module
CRX0, CRX1, CRX1-DS
Input
Input pins
CTX0, CTX1
Output
Output pins
Table 1.4
Pin Functions (5/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com