Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 61Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 62Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 63Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 64Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 65Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 66Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 67Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 68Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 65 of 178
Apr 15, 2022
1.6.5
100-Pin LFQFP
Table 1.9
List of Pin and Pin Functions (100-Pin LFQFP) (1/6)
Pin No.
Power
Supply
Clock
System
Control
I/O Port
Bus
EXDMAC
Timer
Communication
Interrupt
A/D
Others
(CTSU,
CLKOUT,
Tamper
detection)
100-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(SCI, RSCI,
RSPI, RSPIA,
RIIC, RIICHS,
CAN, USB, SSIE,
REMC)
(QSPIX,
SDHI)
1
AVCC1
2EMLE
3
AVSS1
4
EXCIN
PJ3
EDACK1
MTIOC3C
CTS6#/RTS6#/
CTS0#/RTS0#/
SS6#/SS0#
IRQ11
5VCL
6
VBATT
7
MD/FINED
8XCIN
9
XCOUT
10
RES#
11
XTAL
P37
12
VSS
13
EXTAL
P36
14
VCC
15
UPSEL
P35
NMI
16
TRST#
P34
MTIOC0A/
TMCI3/PO12/
POE10#
SCK6/SCK0
IRQ4
TS0
17
P33
EDREQ1
MTIOC0D/
TIOCD0/
TMRI3/PO11/
POE4#/
POE11#
RXD6/RXD0/
SMISO6/
SMISO0/SSCL6/
SSCL0/CRX0
IRQ3-DS
TS1
18
P32
MTIOC0C/
TIOCC0/
TMO3/PO10/
RTCOUT/
RTCIC2/
POE0#/
POE10#
TXD6/TXD0/
SMOSI6/
SMOSI0/SSDA6/
SSDA0/CTX0/
USB0_VBUSEN
IRQ2-DS
TAMPI2
19
TMS
P31
MTIOC4D/
TMCI2/PO9/
RTCIC1
CTS1#/RTS1#/
SS1#/SSLB0-A
IRQ1-DS
TAMPI1
20
TDI
P30
MTIOC4B/
TMRI3/PO8/
RTCIC0/
POE8#
RXD1/SMISO1/
SSCL1/MISOB-A
IRQ0-DS
TAMPI0
21
TCK
P27
CS7#
MTIOC2B/
TMCI3/PO7
SCK1/RSPCKB-A
IRQ7
TS2
22
TDO
P26
CS6#
MTIOC2A/
TMO1/PO6
TXD1/CTS3#/
RTS3#/SMOSI1/
SS3#/SSDA1/
MOSIB-A
IRQ6
TS3
23
P25
CS5#/
EDACK1
MTIOC4C/
MTCLKB/
TIOCA4/PO5
RXD3/SMISO3/
SSCL3
SDHI_CD
IRQ5
ADTRG0# TS4/
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com