Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 151Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 152Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 153Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 154Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 155Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 156Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 157Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 158Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 178 page
background image
R01DS0373EJ0110 Rev.1.10
Page 155 of 178
Apr 15, 2022
RX671 Group
2. Electrical Characteristics
2.6
A/D Conversion Characteristics
Note:
The above specification values apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time includes the sampling time and the comparison time. As the test conditions, the number of sampling states
is indicated.
Note 2. The value in parentheses indicates the sampling time.
Note:
The above specification values apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time includes the sampling time and the comparison time. As the test conditions, the number of sampling states
is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 2.53
12-Bit A/D (Unit 0) Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = PCLKC = 1 MHz to 60 MHz, Ta = Topr,
Source impedance = 1.0 k
Ω
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
—
12
Bit
Analog input capacitance
—
—
30
pF
Conversion time*1
(Operation at PCLKC = 60 MHz)
0.48
(0.267)*2
—
—
µs
Sampling in 16 states
Offset error
—
±1.0
±2.5
LSB
Full-scale error
—
±1.0
±2.5
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±2.5
±4.5
LSB
DNL differential nonlinearity error
—
±0.5
±1.5
LSB
INL integral nonlinearity error
—
±1.0
±2.5
LSB
Table 2.54
12-Bit A/D (Unit 1) Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = PCLKD = 1 MHz to 60 MHz, Ta = Topr,
Source impedance = 1.0 k
Ω
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
—
12
Bit
Conversion time*1
(Operation at PCLKD = 60 MHz)
0.88
(0.633)*2
—
—
µs
Sampling in 38 states
(ADSAM.SAM = 1)
Conversion time*1
(Operation at PCLKD = 30 MHz)
1
(0.500)*2
—
—
µs
Sampling in 15 states
(ADSAM.SAM = 1)
Analog input capacitance
—
—
30
pF
Offset error
—
±2.0
±3.5
LSB
Full-scale error
—
±2.0
±3.5
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±4.0
±6.0
LSB
DNL differential nonlinearity error
(Operation at PCLKD = 60 MHz)
—
±1.5
±4.0
LSB
DNL differential nonlinearity error
(Operation at PCLKD = 30 MHz)
—
±1.5
±2.5
LSB
INL integral nonlinearity error
(Operation at PCLKD = 60 MHz)
—
±2.0
±4.0
LSB
INL integral nonlinearity error
(Operation at PCLKD = 30 MHz)
—
±2.0
±3.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com