Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 157Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 158Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 159Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 160Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 161Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 162Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 163Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 164Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 178 page
background image
R01DS0373EJ0110 Rev.1.10
Page 161 of 178
Apr 15, 2022
RX671 Group
2. Electrical Characteristics
2.11
Battery Backup Function Characteristics
Note 1. The VCC-off period for switching power supply indicates the period from VCC falling below the minimum value of the battery
backup switching threshold voltage (VDETBATT) until the source of supply is switched to VBATT. When the VCC recovers within
this period, the source may not be switched to VBATT and supply from VCC is continued.
Note 2. When the VBKP recovers within this period, the backup domain reset signal may not be generated.
Figure 2.98
Battery Backup Function Characteristics
Table 2.60
Battery Backup Function Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V
≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
VBATT = 1.62 to 3.6 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Voltage level for switching to battery backup
VDETBATT
2.50
2.60
2.70
V
Figure 2.98
Lower-limit VBATT voltage for power supply switching due to
VCC voltage drop
VBATTSW
2.00
—
—
V
VCC-off period for starting power supply switching*1
tVOFFBATT
200
—
—
µs
Backup domain power-down detection level
VPDR(BKP)
1.45
1.5
1.55
V
Figure 2.99
Time delay in assertion of the reset signal for the backup
domain*2
tp(PDRL)
—
—
2000
µs
Time delay in negation of the reset signal for the backup
domain
tp(PDRH)
—
—
1000
µs
Temper input pulse width
tw(TAMPI)
200
—
—
ns
Figure 2.100
VBATT
VCC
VDETBATT
VBATTSW
tVOFFBATT
VBATT
Switching prohibited
VBATT
Switching prohibited
VCC supply
VCC supply
VBATT supply
VCC voltage
guaranteed range
VBATT voltage
guaranteed range
Backup power
area
The VBATT voltage when the supplied power source switches from VCC to VBATT should not be lower than
VBATTSW, the lower-limit VBATT voltage for switching between power supplies due to a drop in the VCC voltage.
Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com