Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5588
Data Sheet
Rev. D | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO GROUND.
1
R7
2
R6
3
R5
4
R4
5
R3
6
R2
15 C6
16 C7
17 CMP_IN1/C8
18 CMP_IN2/C9
14 C5
13 C4
TOP VIEW
(Not to Scale)
ADP5588
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
R7
GPIO, Row 7 in the Keypad Matrix.
2
R6
GPIO, Row 6 in the Keypad Matrix.
3
R5
GPIO, Row 5 in the Keypad Matrix.
4
R4
GPIO, Row 4 in the Keypad Matrix.
5
R3
GPIO, Row 3 in the Keypad Matrix.
6
R2
GPIO, Row 2 in the Keypad Matrix.
7
R1
GPIO, Row 1 in the Keypad Matrix.
8
R0
GPIO, Row 0 in the Keypad Matrix.
9
C0
GPIO, Column 0 in the Keypad Matrix.
10
C1
GPIO, Column 1 in the Keypad Matrix.
11
C2
GPIO, Column 2 in the Keypad Matrix.
12
C3
GPIO, Column 3 in the Keypad Matrix.
13
C4
GPIO, Column 4 in the Keypad Matrix.
14
C5
GPIO, Column 5 in the Keypad Matrix.
15
C6
GPIO, Column 6 in the Keypad Matrix.
16
C7
GPIO, Column 7 in the Keypad Matrix.
17
CMP_IN1/C8
GPIO, Column 8 in the Keypad Matrix; Comparator Input for Photosensor 1.
18
CMP_IN2/C9
GPIO, Column 9 in the Keypad Matrix; Comparator Input for Photosensor 2.
19
GND
Ground.
20
RST
Hardware Reset (Active Low). This bit resets the device to the power default conditions. The reset pin must be
driven for a minimum of 50 μs to be valid and to prevent falsing due to ESD glitches or noise in the system. If
not used, RST must be tied high with a pull-up.
21
VCC
VCC = 1.7 V to 3.3 V.
22
SDA
I2C Serial Data (Open Drain Requires External Pull-up).
23
SCL
I2C Clock.
24
INT
Processor Interrupt, Active Low, Open Drain. This pin can be pulled up to 2.7 V or 1.8 V for selection flexibility in
the processor GPIO supply group.
EP
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com