Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5588
Data Sheet
Rev. D | Page 8 of 28
To prevent glitches or narrow press times registering as valid
key presses, the key scanner requires the key to be pressed for
two scan cycles. The key scanner has a sampling period of 25 ms,
so the key must be pressed and held for at least 25 ms to register as
pressed. If the key is continuously pressed, the key scanner
continues to sample every 25 ms. If a key that was pressed is
released for 25 ms or greater, the state machine sets the appro-
priate keys in the key event status register with the key pressed
bits cleared in the order detected. Because the release of a key is
not necessarily in sync with the key scan sampling period, it may
take between 25 ms and 50 ms for a key to register as released.
After the key is registered as released, the key scanner goes back
to idle mode. Figure 5 shows the row and column pins
connected to a typical 10 × 8, 80-switch keypad matrix.
J7
I7
H7
G7
F7
E7
D7
C7
B7
A7
J6
I6
H6
G6
F6
E6
D6
C6
B6
A6
J5
I5
H5
G5
F5
E5
D5
C5
B5
A5
J4
I4
H4
G4
F4
E4
D4
C4
B4
A4
J3
I3
H3
G3
F3
E3
D3
C3
B3
A3
J2
I2
H2
G2
F2
E2
D2
C2
B2
A2
J1
I1
H1
G1
F1
E1
D1
C1
B1
A1
J0
I0
H0
G0
F0
E0
D0
C0
B0
A0
R7 R6 R5 R4 R3 R2 R1 R0
C0 C1 C2 C3 C4 C5 C6 C7
C9
C8
10 × 8 KEYPAD MATRIX
VCC
Figure 5. Keypad Decode Configuration
Key Event Tracking
The 10-key event registers are set to act as a FIFO, meaning that
reading any of the 10-key event registers yields the key events in
the order they were pressed and released.
Tracking of key events is done with the help of the key event
counter (the KEC field in Register 0x03) and the FIFO/key
event registers (Register 0x04 through Register 0x0D). The KEC
count increases as keys are pressed and released; up to 10 events
can be logged in the counter. The FIFO/key event registers, on
the other hand, display the key events and their status (pressed
or released) as they are read out of the FIFO. The FIFO registers
are made of eight bits, with the MSB dedicated as the status bit
(1 indicates a press and 0 indicates a release); the remaining
seven bits are used to display binary representation of the keys
that are pressed or released.
The first read of any of the FIFO registers displays the first
event that happened and its status. Subsequent reads of the
same register replace the register data with the next event that
happens. If tracking of all the events is important, it is best to
use a single register per event. After all the events in the FIFO
are read, reading of any of the event registers yields a zero value.
Table 11 and Table 12 show the event sequences as they are
logged in and read from the FIFO. The 10 FIFO registers are
labeled A through J, and keys are labeled A0 through J7.
Table 11. Example of Event Sequence
Key Pressed/Released
Status
Key Event Counter
A0
Pressed
1
B1
Pressed
2
A0
Released
3
C2
Pressed
4
B1
Released
5
D3
Pressed
6
C2
Released
7
E4
Pressed
8
E4
Released
9
D3
Released
10
Table 12. Interpretation of FIFO Event Reading
Key Event
Counter
Key Event
Register
Read
Key Event Reg-
ister Content
(Binary)1
Key Event
Register
Interpretation
10
N/A
N/A
N/A
9
D
1 0000001
Key A0 pressed
8
E
1 0001100
Key B1 pressed
7
C
0 0000001
Key A0 released
6
F
1 0010111
Key C2 pressed
5
G
0 0001100
Key B1 released
4
A
1 0100010
Key D3 pressed
3
B
0 0010111
Key C2 released
2
H
1 0101101
Key E4 pressed
1
J
0 0101101
Key E4 released
0
I
0 0100010
Key D3 released
1 The first number indicates a key press or key release in Bit 7 of the key event
register: 1 = key press; 0 = key release.
Key Event Overflow
The ADP5588 is equipped with an overflow feature to handle key
events beyond the FIFO capacity. When all events are filled, any
additional events set the OVR_FLOW_INT bit in Register 0x02;
if the OVR_FLOW_IEN bit in Register 0x01 is set, the host
processor is also interrupted when overflow occurs. When the
FIFO is not full, new events are added as the last events.
The OVR_FLOW_M bit in Register 0x01 sets the mode of
operation during overflows. Clearing the OVR_FLOW_M bit
causes new incoming events to be discarded, and setting this bit
rolls over and overwrites old data with new data starting at the
first event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com