Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5588ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Mobile I/O Expander and
QWERTY Keypad Controller
Data Sheet
ADP5588
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
18-GPIO port expander or 10 × 8 keypad matrix
GPIOs configurable to GPIs, GPOs, and keypad rows or
columns
Dual light sensor inputs (C8 and C9)
I2C interface
I2C register read autoincrement
1.8 V to 3.0 V operation
Keypad lock capability
Open-drain interrupt output
Key press and key release interrupts
GPI interrupt with level programmability
Programmable pull-ups
Key event counter with overflow interrupt
50 μs debounce on the reset line and GPIs
1 μA typical idle current, 55 μA typical polling current drain
for one key press
Small 4 mm × 4 mm LFCSP package
APPLICATIONS
Keypad and I/O expander designed for QWERTY type phones
that require a large keypad matrix
FUNCTIONAL BLOCK DIAGRAM
C8
C9
C8
C9
18
17
19
21
23
22
20
24
CONTROL
REGISTERS
CONTROL
INTERFACE
REF
VOLTAGE
REF
VOLTAGE
C9
C8
GND
VCC
SCL
SDA
RST
INT
3
4
5
6
7
8
9
10
11
12 13 14
15
16
12
ADP5588
Figure 1.
GENERAL DESCRIPTION
The ADP5588 is an I/O port expander and keypad matrix
designed for QWERTY type phones that require a large keypad
matrix and expanded I/O lines. I/O expander ICs are used in
mobile platforms as a solution to the limited number of GPIOs
available in the main processor.
In its small 4 mm × 4 mm package, the ADP5588 contains
enough power to handle all key scanning and decoding and flag
the processor of key presses and releases via the I2C® interface
and interrupt. It frees the main microprocessor from having to
monitor the keypad, thereby minimizing current drain and
increasing processor bandwidth. It is also equipped with a
buffer/FIFO and key event counter to handle and keep track of
up to 10 unprocessed key or GPI events with overflow wrap and
interrupt capability.
The ADP5588 has a keylock capability with an option to trigger
or not trigger an interrupt at key presses and releases. All com-
munication to the main processor is done using one interrupt line
and two I2C-compatible interface lines. The ADP5588 can be
configured to have a keypad matrix of up to 8 rows × 10 columns
(a maximum of 80 keys).
When used for smaller keypad matrices, unused row and
column pins can be reconfigured to act as general-purpose
inputs, outputs, or light sensor inputs. R0, R1, R2, R3, R4, R5, R6,
and R7 denote the row pins of the matrix, while C0, C1, C2, C3,
C4, C5, C6, C7, C8, and C9 denote the column pins. At power-up,
all rows and columns default as GPIs and must be programmed to
function as part of the keypad matrix, GPOs, or light sensor inputs.
In addition to keypad and GPIO functionalities, C8 and C9 can
also be configured as light sensor inputs.
When configured as keypad lines, the function of the C8 and
C9 lines is straightforward: the control interface disconnects
these lines from the comparator inputs, disables the light sensor
comparator, and connects them to the keypad columns of the
keypad matrix. When used as light sensor comparator inputs,
the control interface disconnects these pins from the keypad,
enables the comparators, and connects these lines to the com-
parator inputs. Two external capacitors (0.1 μF) are required
when these pins are configured as light sensor inputs. When
used as GPIOs, these pins are removed from the keypad and the
light sensor interface, and the light sensor comparators are
disabled, along with the logic for the sensors.


Similar Part No. - ADP5588ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5588ACPZ-R7 AD-ADP5588ACPZ-R7 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
More results

Similar Description - ADP5588ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
2-Wire Serial I/O Expander and Fan Controller
logo
Analog Devices
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
Rev. C
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com