Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP5588
Rev. D | Page 11 of 28
START
MASK TIMER = 0
KEY PRESS
DETECTED
NO
NO
YES
NO
NO
NO
YES
YES
YES
NO
YES
YES
YES
NO
YES
YES
NO
NO
YES
YES
NO
GENERATE
KE INTERRUPT
START MASK TIMER
MASK TIMER
EXPIRES
MASK TIMER
EXPIRES
GENERATE
KEYLOCK INTERRUPT
FIRST UNLOCK
KEY DETECTED
SECOND UNLOCK
KEY DETECTED
START UNLOCK1 TO UNLOCK2
UNLOCK1 TO
UNLOCK2
TIMER EXPIRES
KEY PRESS
DETECTED
START UNLOCK1 TO UNLOCK2
FIRST UNLOCK
KEY DETECTED
GENERATE
KEYLOCK INTERRUPT
SECOND UNLOCK
KEY DETECTED
UNLOCK1 TO
UNLOCK2
TIMER EXPIRES
NO
Figure 10. Keypad Lock Interrupt Mask Timer Flowchart
Debouncing
The ADP5588 has a 50 μs debounce time for GPIOs configured
as GPIs and rows in keypad scanning mode. The reset line
always has a 50 μs debounce time.
General Purpose Outputs (GPOs)
The ADP5588 allows the user to configure all or some of its
GPIOs as GPOs. These GPOs can be used as extra enables for
the host processor or simply as trigger outputs. When configured
as an output (GPO), a digital buffer drives the pin to 0 V for a 0
and to VCC for a 1. To set any GPIO as a GPO, make sure that
the corresponding bits in Register 0x1D through Register 0x1F are
set for GPIO mode; then use Register 0x23 through Register 0x25
to set the corresponding bits for GPO mode.
Power-On Reset
For built-in power-up initialization for applications lacking a
power-on reset signal, a reset pin, RST, allows the user to reset
the registers to default values in the event of a brownout or
other reset conditions.
Ambient Light Sensing
The ADP5588 has built in light sensor comparator inputs to
detect ambient light conditions. An ADC samples the output of
external photosensors connected to the comparator inputs, and
the result is fed into programmable trip comparators. The ADC
has an input range of 0 μA to 1000 μA (typical). The device can
handle up to two photosensors (use Register 0x30 through
Register 0x3A to configure the photosensor inputs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com