Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5588ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP5588
Data Sheet
Rev. D | Page 16 of 28
Address
Register Name
Description
0x2E
GPIO_PULL3
GPIO pull disable
0x2F
Not used
Not used
0x30
CMP_CFG_STAT
Comparator configuration and status register
0x31
CMP_CONFG_SENS1
Sensor 1 comparator configuration register
0x32
CMP_CONFG_SENS2
Sensor 2 comparator configuration register
0x33
CMP1_LVL2_TRIP
L2 light sensor reference level (output falling for Sensor 1)
0x34
CMP1_LVL2_HYS
L2 light sensor hysteresis (active when output rising) for Sensor 1
0x35
CMP1_LVL3_TRIP
L3 light sensor reference level (output falling for Sensor 1)
0x36
CMP1_LVL3_HYS
L3 light sensor hysteresis (active when output rising) for Sensor 1
0x37
CMP2_LVL2_TRIP
L2 light sensor reference level (output falling for Sensor 2)
0x38
CMP2_LVL2_HYS
L2 light sensor hysteresis (active when output rising) for Sensor 2
0x39
CMP2_LVL3_TRIP
L3 light sensor reference level (output falling for Sensor 2)
0x3A
CMP2_LVL3_HYS
L3 light sensor hysteresis (active when output rising) for Sensor 2
0x3B
CMP1_ADC_DAT_R1
Comparator 1 ADC Data Register 1
0x3C
CMP1_ADC_DAT_R2
Comparator 1 ADC Data Register 2
0x3D
CMP2_ADC_DAT_R1
Comparator 2 ADC Data Register 1
0x3E
CMP2_ADC_DAT_R2
Comparator 2 ADC Data Register 2
REGISTER DESCRIPTIONS
Table 18. DEV_ID—Register 0x00 (Device ID)
Default: 0000 XXXX (where X = don’t care).
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DEV_ID
Device ID[3:0], MFG ID[7:4]
MFID3
MFID2
MFID1
MFID0
DID3
DID2
DID1
DID0
Table 19. CFG—Register 0x01 (Configuration Register 1)
Field
Bit
Description
AUTO_INC
7
I2C autoincrement. Burst read is supported; burst write is not supported.
1: I2C autoincrement is on.
0: I2C autoincrement is off.
GPIEM_CFG
6
GPI event mode configuration.
1: GPI events are not tracked when the keypad is locked.
0: GPI events are tracked when the keypad is locked.
OVR_FLOW_M
5
Overflow mode.
1: Overflow mode is on; register overflow data shifts in, starting at the last event and losing first event data.
0: Overflow mode is off; register overflow data is lost.
INT_CFG
4
Interrupt configuration.
1: Processor interrupt deasserts for 50 μs and reasserts with pending key events.
0: Processor interrupt remains asserted when host tries to clear interrupt while there is a pending key event.
OVR_FLOW_IEN
3
Overflow interrupt enable.
1: Overflow interrupt is enabled.
0: Overflow interrupt is disabled.
K_LCK_IM
2
Keypad lock interrupt mask.
1: Keypad lock interrupt is enabled.
0: Keypad lock interrupt is disabled.
GPI_IEN
1
GPI interrupt enable.
1: GPI interrupt is enabled.
0: GPI interrupt is disabled.
KE_IEN
0
Key events interrupt enable.
1: Key events interrupt is enabled.
0: Key events interrupt is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com