Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF071MM2STR Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 5 Page - Infineon Technologies AG

  RF071MM2STR Datasheet HTML 1Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 2Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 3Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 4Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 5Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 6Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 7Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 8Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
User manual
5
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Introduction
1
Introduction
The EVAL-M1-IM240-A evaluation board is a part of the iMOTION™ modular application design Kit for drives
(iMOTION™ MADK).
The MADK-platform is intended to use various power stages with different control boards. These boards can
easily be interfaced through the 20-pin iMOTION™ MADK-M1 interface connector.
This evaluation board is designed to give comprehensible solutions of a power stage based on the Infineon's
CIPOS™ Micro intelligent power module (IPM). The board is equipped with all assembly groups for sensor less
field oriented control (FOC). It provides a single-phase AC-connector, rectifier, DC-link and 3-phase output for
power. It contains emitter-shunts for current sensing and a voltage divider for DC-link voltage measurement.
The EVAL-M1-IM240-A evaluation board is available through regular Infineon distribution partners as well as on
Infineon's website. The features of this board are described in the design feature chapter of this document,
whereas the remaining paragraphs provide information to enable the customers to copy, modify and qualify
the design for production according to their own specific requirements.
Environmental conditions were considered in the design of the EVAL-M1-IM240-A. The design was tested as
described in this document but not qualified regarding safety requirements or manufacturing and operation
over the whole operating temperature range or lifetime. The boards provided by Infineon are subject to
functional testing only.
Evaluation boards are not subject to the same procedures as regular products regarding returned material
analysis (RMA), process change notification (PCN) and product discontinuation (PD). Evaluation boards are
intended to be used under laboratory conditions by specialists only.
M
EMI Filter
& Soft
Power Up
Circuit
HVIC
20 pin iMOTIONTM
MADK-M1 connector
Power
Supply
CIPOSTM IPM
Line
Neutral
15V
Itrip
Itrip
PWM
Figure 1
The block diagram of the EVAL-M1-IM240-A evaluation-board
Figure 1 shows the evaluation board EVAL-M1-IM240-A. Although this board is compatible with on surface
mount as well as through whole CIPOS™ Micro modules. This document explains the features and details of this
board in combination with CIPOS™ Micro IM240-M6Z1B and IM240-M6Y1B. The only difference between these
modules is the package type. IM240-M6Z1B is SOP23 package. IM240-M6Y1B is DIP23 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com