Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF071MM2STR Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 6Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 7Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 8Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 9Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 10Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 11Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 12Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 13Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
User manual
10
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Pin assignments
3
Pin assignments
General information about the connectors of the EVAL-M1-IM240-A evaluation board is reported. Table 3
includes the details of the AC input connector J2.
Table 3
J2- AC line connector
Pin #
Pin name
Details
1
L
AC line input
2
E
Earth ground
3
N
AC neutral input
Table 4 denotes the details of the motor side connector J2.
Table 4
J3- Motor side connector
Pin #
Pin name
Details
1
U
Connected to motor phase U
2
V
Connected to motor phase V
3
W
Connected to motor phase W
Table 5 provides the pin assignments of the 20-pin iMOTION™MADK-M1 interface connector J4. This connector
is the interface to the controller board.
Table 5
J4 - 20 pin interface connector for controller board
Pin #
Pin name
description
1
PWMUH
3.3 V compatible logic input for high side gate driver-Phase U
2
GND
Ground
3
PWMUL
3.3 V compatible logic input for low side gate driver-Phase U
4
GND
Ground
5
PWMVH
3.3 V compatible logic input for high side gate driver-Phase V
6
+3.3V
On board 3.3 V supply
7
PWMVL
3.3 V compatible logic input for low side gate driver-Phase V
8
+3.3V
On board 3.3 V supply
9
PWMWH
3.3 V compatible logic input for high side gate driver-Phase W
10
IU+
Positive Current sense output
11
PWMWL
3.3 V compatible logic input for low side gate driver-Phase W
12
IU-
Negative current sense output or Ground
13
GK
Gate kill signal – active low when overcurrent is detected
14
DCBSENSE
DC bus positive voltage, scaled in 0-3.3 V range by a voltage divider
15
VTH
Thermistor Output
16
IV+
Positive Current sense output
17
IV-
Negative current sense output or Ground
18
IW+
Positive Current sense output
19
IW-
Negative current sense output or Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com