Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF071MM2STR Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 17Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 18Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 19Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 20Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 21Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 22Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 23Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 24Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
User manual
21
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Schematics and layout
5.3
Inverter overcurrent protection and motor Gatekill configuration
Figure 16 displays the overcurrent protection circuitry.
Figure 16 Motor gatekill configuration on the EVAL-M1-IM240-A evaluation board
The inverter output peak current is about 4 Apeak.
= 3.3 × + + × + +
If the motor peak current is larger than the setting value Itrip for more than Itrip input filter time, the RFE will be
triggered low, which means that the Gatekill signal is active. For iMOTION™ IMC1xx control IC, there are three
types of Gatekill input sources (as shown in Figure 17). For the input source configured as “Gatekill-pin” or
“
Both”, the iMOTION™ control IC will stop the motor when the GateKill signal is active.
But please note that if the comparator for the Gatekill input source is selected, the external Gatekill signal will
not be used. And the current-sensing signal I_Shunt will be compared by the internal comparator with the
“Gatekill Comparator Reference” value only set in MCEWizard.
Figure 17 Gatekill configuration in MCEWizard for EVAL-M1-101T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com