Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF071MM2STR Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 3Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 4Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 5Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 6Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 7Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 8Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 9Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 10Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
User manual
7
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Main features of EVAL-M1-IM240-A
2.1
EVAL-M1-IM240-A board specifications
Table 2 shows the important specifications of the evaluation board EVAL-M1-IM240-A.
Table 2
EVAL-M1-IM240-A board specifications
Parameters
Value
Conditions
Input
Voltage
165 - 265
Vrms
Lower AC input, less motor power output
Input current
1.8 Arms
Input 220 VAC, Ta=25C, IM240
Output
Power (3phases)
200 W
Input 220 VAC, fPWM=6 kHz, Ta=25°C, Tc=100°C
Current per leg
2.2 Arms
Input 220 VAC, fPWM=6 kHz, Ta=25°C, Tc=100°C
DC bus
Maximum DC bus voltage
400 V
Minimum DC bus voltage
120 V
Current feedback
Current sensing devices
RS3, RS4, RS5
100 mΩ
The default configuration uses three shunts in
the emitter paths. To implement single shunt
sensing, the board should be modified:
1) RS3 and RS5 have to be removed
2) IU+,IV+,IW+ have to be connected
3) R35 has to be changed to 3.48 kΩ
Protections
Output current trip level
4 Apk
Configured by either changing shunt resistors
RS3, RS4, RS5 or adapting comparator
threshold changing resistor R35
On board power supply
15 V
15 V±5%, Max 20 mA
Used for CIPOS™ Micro gate driver power
3.3 V
3.3 V±5%, Max 50 mA
Used for interface signals to the control board
and alarm signals as ITRIP, FLT/EN
PCB characteristics
Material
FR4, 1.6 mm thickness,
2-layers, 35 µm copper
thickness
Dimensions
100 mm x 100 mm
System environment
Ambient temperature
25°C
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com