Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF071MM2STR Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 1 Page - Infineon Technologies AG

  RF071MM2STR Datasheet HTML 1Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 2Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 3Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 4Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 5Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 6Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 7Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 8Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
User manual
Please read the Important Notice and Warnings at the end of this document
Revision 1.1
www.infineon.com
1
2020-09-29
AN2019-01
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
About this document
Scope and purpose
This application note provides an overview of the evaluation-board EVAL-M1-IM240-A including its main
features, key data, pin assignments and mechanical dimensions.
The EVAL-M1-IM240-A board is a complete evaluation board including IM240 3-phase intelligent power modules
(IPM) are designed for high-efficiency appliance motor drives such as air-conditioner fans and refrigerator
compressors. In combination with either EVAL-M1-101T or EVAL-M1-099M it features and demonstrates
Infineon’s CIPOS™ Micro IPM technology for motor drive.
The evaluation board EVAL-M1-IM240-A for intelligent power modules (IPM) was developed to support
customers during their first steps designing applications with CIPOS™ Micro power modules.
Intended audience
This application note is intended for all technical specialists working with the EVAL-M1-IM240-A board.
Important notice
Attention:
The Evaluation Boards and Reference Boards as well as the information in this document are
solely intended to support designers of applications in evaluating the use of products from
Infineon Technologies for their intended applications.
Environmental conditions have been considered in the design of the Evaluation Boards and
Reference Boards provided by Infineon Technologies. The design of the Evaluation Boards
and Reference Boards has been tested by Infineon Technologies only as described in this
document. The design is not qualified in terms of safety requirements, manufacturing and
operation over the entire operating temperature range or lifetime.
The Evaluation Boards and Reference Boards provided by Infineon Technologies are subject
to functional testing only under typical load conditions. Evaluation Boards and Reference
Boards are not subject to the same procedures as regular products regarding returned
material analysis (RMA), process change notification (PCN) and product discontinuation (PD).
Evaluation Boards and Reference Boards are not commercialized products, and are solely
intended for evaluation and testing purposes. In particular, they shall not be used for
reliability testing or production. The Evaluation Boards and Reference Boards may therefore
not comply with CE or similar standards (including but not limited to the EMC Directive
2004/EC/108 and the EMC Act) and may not fulfill other requirements of the country in which
they are operated by the customer. The customer shall ensure that all Evaluation Boards and
Reference Boards will be handled in a way which is compliant with the relevant requirements
and standards of the country in which they are operated.
The Evaluation Boards and Reference Boards as well as the information provided in this


Similar Part No. - RF071MM2STR

ManufacturerPart #DatasheetDescription
logo
Rohm
RF071MM2STF ROHM-RF071MM2STF Datasheet
573Kb / 8P
Super Fast Recovery Diode
More results

Similar Description - RF071MM2STR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com