Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 34Page - Renesas Technology Corp RZ/T2M Datasheet HTML 35Page - Renesas Technology Corp RZ/T2M Datasheet HTML 36Page - Renesas Technology Corp RZ/T2M Datasheet HTML 37Page - Renesas Technology Corp RZ/T2M Datasheet HTML 38Page - Renesas Technology Corp RZ/T2M Datasheet HTML 39Page - Renesas Technology Corp RZ/T2M Datasheet HTML 40Page - Renesas Technology Corp RZ/T2M Datasheet HTML 41Page - Renesas Technology Corp RZ/T2M Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
1.8
LQFP 176 Pin Assignments
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
P01_7
P02_0
P02_1
P02_2
P02_3
TRST#
VDD
P02_4
P02_5
P02_6
P02_7
P03_0
P03_2
P03_3
P03_4
P03_5
P03_6
P04_4
P03_7
P04_0
VDD
P04_1
P04_2
P04_3
P05_0
P04_6
P05_2
VDD
P05_6
P06_0
P06_2
VCC33
P01_6
BSCANP
P05_5
VCC33
P04_7
P04_5
P05_1
P05_3
P05_4
P05_7
VDD
P06_6
VDD
P18_6
P18_5
P18_4
P18_3
P18_2
P18_1
P18_0
P17_7
P17_6
P17_5
P17_4
P17_2
P17_1
P17_0
VDD
P16_7
P15_7
P16_6
P16_5
P16_3
P16_2
P16_1
P16_0
P15_0
P15_2
P14_6
VDD
P13_1
P12_7
P12_6
VCC33
P18_7
P17_3
P13_2
VCC33
P15_1
VDD
P14_7
P14_5
P13_3
P13_0
P12_5
P12_4
Note:
VSS is assigned to Exposed PAD on the QFP package bottom. The PAD must be connected to the ground (0V).
Figure 1.4
Pin arrangement (176-pin LQFP) (top view)
Table 1.20
List of pins and pin functions (176-pin LQFP) (1 of 6)
Pin
number
Power supply clock
system control
I/O port
Bus
Timer (MTU3, POE3,
GPT / POEG, CMTW,
RTC)
Communication (RSCI, IIC,
GMAC, ETHSW, ESC, USB,
CANFD, SPI, xSPI)
DSMIF
Interrupt
ADC12
Encoder I/F
1
VCC33
2
TRACEDATA0
P01_6
A20
MTIOC1A / GTIOC9A
CTS1# / CANTXDP1
ENCIF0
3
TRACEDATA1
P01_7
A19
MTIOC1B / GTIOC9B
SCK1 / CANRX0 / SPI_RSPCK3
ADTRG0#
ENCIF1
4
TRACEDATA2
P02_0
A18
GTADSML0
RXD1 / SCL1 / MISO1 /
USB_OTGID / CANTX1 /
SPI_MISO3
IRQ4
ENCIF2
5
MDW
P02_1
A17
6
P02_2
A16
MTIOC2A / POE10# /
GTIOC10A / RTCAT1HZ
TXD1 / SDA1 / MOSI1 / CANTX0 /
SPI_MOSI3
IRQ14
ENCIF3
7
P02_3
A15 / WE3# /
DQMUU / AH#
MTIOC2B / POE11# /
GTIOC10B
SS1# / CTS1# / RTS1# /
CANRX1 / SPI_SSL30
IRQ15
ENCIF4
8
TRST#
9
VDD
10
TDO
P02_4
WE0# / DQMLL
DE1 / SPI_SSL33
11
TDI
P02_5
WE1# / DQMLU
SCK5 / SPI_SSL31
ENCIF5
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 38 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com