Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 16Page - Renesas Technology Corp RZ/T2M Datasheet HTML 17Page - Renesas Technology Corp RZ/T2M Datasheet HTML 18Page - Renesas Technology Corp RZ/T2M Datasheet HTML 19Page - Renesas Technology Corp RZ/T2M Datasheet HTML 20Page - Renesas Technology Corp RZ/T2M Datasheet HTML 21Page - Renesas Technology Corp RZ/T2M Datasheet HTML 22Page - Renesas Technology Corp RZ/T2M Datasheet HTML 23Page - Renesas Technology Corp RZ/T2M Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
Table 1.17
Pin functions (7 of 7)
Classification
Pin name
I/O
Description
CANFD module (CANFD)
CANRX0, CANRX1
Input
Receive data input pins
CANTX0, CANTX1
Output
Transmit data output pins
CANRXDP0, CANRXDP1
Output
Receive data phase output pins
CANTXDP0, CANTXDP1
Output
Transmit data phase output pins
Serial peripheral interface
(SPI)
SPI_RSPCK0 to SPI_RSPCK3
I/O
Clock I/O pins
SPI_MOSI0 to SPI_MOSI3
I/O
Master transmit data I/O pins
SPI_MISO0 to SPI_MISO3
I/O
Slave transmit data I/O pins
SPI_SSL00 to SPI_SSL30
I/O
Slave select signal I/O pins
SPI_SSL01 to SPI_SSL31,
SPI_SSL02 to SPI_SSL32,
SPI_SSL03 to SPI_SSL33
Output
Slave select signal output pins
Expanded serial peripheral
interface (xSPI)
XSPI0_CKP, XSPI1_CKP,
XSPI0_CKN, XSPI1_CKN
Output
Clock output pins
XSPI0_CS0#, XSPI0_CS1#,
XSPI1_CS0#, XSPI1_CS1#
Output
Chip select output pins
XSPI0_DS, XSPI1_DS
I/O
Read data strobe/write data mask input/output pin
XSPI0_IO0 to XSPI0_IO7,
XSPI1_IO0 to XSPI1_IO7
I/O
Data0 to Data7 input/output pins
XSPI0_RESET0#, XSPI0_RESET1#,
XSPI1_RESET0#, XSPI1_RESET1#
Output
Master reset status output pins
XSPI0_RSTO0#, XSPI0_RSTO1#,
XSPI1_RSTO0#, XSPI1_RSTO1#
Input
Slave reset status input pins
XSPI0_INT0#, XSPI0_INT1#,
XSPI1_INT0#, XSPI1_INT1#
Input
Interrupt input pins
XSPI0_ECS0#, XSPI0_ECS1#,
XSPI1_ECS0#, XSPI1_ECS1#
Input
Error correction status input pins
XSPI0_WP0#, XSPI0_WP1#,
XSPI1_WP0#, XSPI1_WP1#
Output
Write protect output pins
ΔΣ interface (DSMIF)
MCLK0 to MCLK5
I/O
Clock I/O pins
MDAT0 to MDAT5
Input
Data input pins
12-bit A/D converter
(ADC12)
AN000 to AN007,
AN100 to AN115
Input
Analog input pins for the A/D converter
ADTRG0#, ADTRG1#
Input
External trigger input pins for the start of A/D
conversion
Analog power supply
VCC18_ADC0, VCC18_ADC1
Input
Analog power supply input pin for the 12-bit A/D
converter. Connect this pin to the 1.8 V power supply if
the 12-bit A/D converter is not to be used.
VREFH0, VREFH1
Input
Reference voltage input pin for the 12-bit A/D
converter. Connect this pin to the 1.8 V power supply if
the 12-bit A/D converter is not to be used.
I/O ports
P00_0 to P24_2
I/O
General-purpose input/output pins
Encoder I/F
ENCIF0 to ENCIF15
I/O
I/O pins for multi-protocol encoder interface
Note 1. AVCC18_TSU input is shared with VCC18_ADC0 on 176 LQFP and 128 LQFP.
Note 2. The TEST pin is for 176 LQFP only.
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 20 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com